Electronic Components Datasheet Search
  English  ▼

X  

VL6522V0MH Datasheet(PDF) 6 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 2Page - STMicroelectronics VL6522V0MH Datasheet HTML 3Page - STMicroelectronics VL6522V0MH Datasheet HTML 4Page - STMicroelectronics VL6522V0MH Datasheet HTML 5Page - STMicroelectronics VL6522V0MH Datasheet HTML 6Page - STMicroelectronics VL6522V0MH Datasheet HTML 7Page - STMicroelectronics VL6522V0MH Datasheet HTML 8Page - STMicroelectronics VL6522V0MH Datasheet HTML 9Page - STMicroelectronics VL6522V0MH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Overview
VL6522
6/35
1.4
Interface
1.4.1
USB
The details of the USB interface are summarized in
Table 2.
1.4.2
User customizing
Four special function port pins can allow PID/VID selections, support EEPROM (I2C
mastering) and customization for driving LED(s) and sensing switch or button states.
VID/PIDs can be programmed into EEPROM.
1.4.3
Video data standard
The video processing pipeline delivers fully reconstructed VGA (640 x480) color data
conforming to YUV 4:2:2 at up to 30 fps in accordance with video class specification
(Packed YUV Format - YUV2, GUID 32595559-0000-0010-8000-00AA00389B71).
1.4.4
Audio data standard
The audio processing pipeline delivers audio data (to 48 kHz, 16 bits) in accordance with
the audio class specification Type 1 (PCM, Pulse Coded Modulation, uncompressed). 16-bit
signed two’s-complement fixed point format (left-justified meaning the sign bit is the MSB).
The binary point is located to the right of the sign bit so that all values lie within the range
[-1 to +1].
1.4.5
Software
As the VL6522 is video/audio class, no software drivers are necessary to operate with
Windows operating systems from XP SP2 onwards.
A unified windows driver is available to allow operation under Windows 2000. This driver is
also compatible with Windows XP, XP64, Vista 32 and Vista 64. Although the driver is not
necessary for use with these operating systems, it does offer additional benefits to the user,
such as the face finding and tracking function, to keep the user's face in frame when video-
conferencing for example.
A linux driver is available to allow the VL6522 to be used with a linux based system.
Table 2.
Details of USB interface
Function
Description
Comments
Scope
Standard to which device
will comply
USB endpoints
Control
USB spec. rev2.0 HS
Control (default, audio, video)
Interrupt
(snapshot button, video class interrupt)
Video
USB video class rev1.0
Isochronous (video class data)
Audio
USB audio class rev2.0
Isochronous (audio class data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com