Electronic Components Datasheet Search
  English  ▼

X  

VL6522V0MH Datasheet(PDF) 9 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 5Page - STMicroelectronics VL6522V0MH Datasheet HTML 6Page - STMicroelectronics VL6522V0MH Datasheet HTML 7Page - STMicroelectronics VL6522V0MH Datasheet HTML 8Page - STMicroelectronics VL6522V0MH Datasheet HTML 9Page - STMicroelectronics VL6522V0MH Datasheet HTML 10Page - STMicroelectronics VL6522V0MH Datasheet HTML 11Page - STMicroelectronics VL6522V0MH Datasheet HTML 12Page - STMicroelectronics VL6522V0MH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
VL6522
Pinout and pin description
9/35
3.2
Pin description
Table 3.
Pin description
Pin number
Pin name
Pin type
Description
Comments
1
AUDVSS
POWER
Ground for audio analog
2
AUD3V3
POWER
3.3 V supply for audio analog
3
USB_VDD3
POWER
3.3 V supply for USB2.0 core
4
USB_VSSC
POWER
Ground for USB2.0 core
5
USB_VSSB
POWER
Ground for USB2.0 output
6
USB_DN
I/O/Z
USB D- signal
7
USB_DP
I/O/Z
USB D+ signal
8
USB_VDDB
POWER
1.8 V supply for USB2.0 output
9
USB_RREF
I
USB2.0 compensation block
reference resistor
10
USB_VDDC
POWER
1.8 V supply for USB2.0 core
11
VDDPLL
POWER
1.8 V supply for master PLL
12
XTAL_IN
I
External crystal input
Connect to 12 MHz crystal
13
XTAL_OUT
O
External crystal output
14
VSSPLL
POWER
Ground for master PLL
15
VDD1V8
POWER
1.8 V supply for core digital and audio
PLL
16
VSS
POWER
Ground for core digital and audio PLL
17
AUDPLLFLT
I
Audio PLL filter network
External components
required if audio used, leave
open if no audio
18
TEST
I
Test mode select
Required external pull down
19
RESETN
I
VL6522 reset signal from POR
Active low
20
SFP0
I/O/Z
I2C SCL (EEPROM) or GPIO port
3v3
21
SFP1
I/O/Z
I2C SDA (EEPROM) or GPIO port
3v3
22
VDD3IO
POWER
3.3 V supply for IO
23
VSSIO
POWER
Ground for IO
24
SFP2
I/O/Z
GPIO port
3v3
25
VDD1V8
POWER
1.8 V supply for digital core
26
VSS
POWER
Ground for digital core
27
BG5V
O
Bandgap output
External capacitor required
28
VBASE3V3
PWR
3.3 V digital regulator control output
Connect to ext. PNP base
29
VDD5
POWER
5.0 V Supply
30
VBASE1V8
PWR
1.8 V digital regulator control output
Connect to ext. PNP base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com