Electronic Components Datasheet Search
  English  ▼

X  

VL6522V0MH Datasheet(PDF) 10 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 6Page - STMicroelectronics VL6522V0MH Datasheet HTML 7Page - STMicroelectronics VL6522V0MH Datasheet HTML 8Page - STMicroelectronics VL6522V0MH Datasheet HTML 9Page - STMicroelectronics VL6522V0MH Datasheet HTML 10Page - STMicroelectronics VL6522V0MH Datasheet HTML 11Page - STMicroelectronics VL6522V0MH Datasheet HTML 12Page - STMicroelectronics VL6522V0MH Datasheet HTML 13Page - STMicroelectronics VL6522V0MH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Pinout and pin description
VL6522
10/35
31
SUPPLY3V6
POWER
External reservoir cap.
32
VID3V3
POWER
3.3 V supply for video analog
33
VIDVSS
POWER
Ground for video analog
34
SFP3
I
GPI (input only)
3v3
35
MICBIAS
O
Microphone bias voltage
36
MICIN
I
Microphone input signal
Table 3.
Pin description (continued)
Pin number
Pin name
Pin type
Description
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com