Electronic Components Datasheet Search
  English  ▼

X  

VL6522V0MH Datasheet(PDF) 5 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 5 Page - STMicroelectronics

  VL6522V0MH Datasheet HTML 1Page - STMicroelectronics VL6522V0MH Datasheet HTML 2Page - STMicroelectronics VL6522V0MH Datasheet HTML 3Page - STMicroelectronics VL6522V0MH Datasheet HTML 4Page - STMicroelectronics VL6522V0MH Datasheet HTML 5Page - STMicroelectronics VL6522V0MH Datasheet HTML 6Page - STMicroelectronics VL6522V0MH Datasheet HTML 7Page - STMicroelectronics VL6522V0MH Datasheet HTML 8Page - STMicroelectronics VL6522V0MH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
VL6522
Overview
5/35
1
Overview
1.1
Architecture
The design includes an image control bus (ICB) mastering unit in the form of a
microcontroller used for top-level autonomous management of power, SFPs, USB standard,
audio and video class command handling and translation to IDP video and audio processing
modules. The microcontroller is also used to run auto exposure and white balance functions.
There are two data pipelines: the audio data pipe (ADP) and the image data pipe (IDP).
1.2
Technical specifications
1.3
Power consumption
From a power consumption perspective the principal modes are:
1.
Active - high speed streaming of audio and video, or video only, or audio only.
2.
Suspend - standby mode, with lowest current consumption in conformance with the
USB2.0 standard.
Table 1.
Technical specifications
Parameter
Values
Image size
640 x 480 (VGA)
Pixel size
3.6 µm x 3.6 µm
Array size
2.32 mm x 1.74 mm
Exposure control
auto
Frame rate
auto or adjustable up to 60 fps
Clock frequency
12 MHz
Output format
USB2.0 (YUV2)
Output data rate
480 MHz (USB2)
Audio analogue gain
24 dB
Audio signal/noise ratio
59 dB
Supply voltage (V)
5
3.3
1.8
Supply current (mA typ.)
VGA 30 fps + audio
14.7
16.3
45.1
Total current consumption from single
5V supply(1)
1.
Typical value VGA @ 30 fps + audio
74.8 mA
Operating temperature
-30o C to 70o C
Package type
LGA36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com