Electronic Components Datasheet Search
  English  ▼

X  

VL6522V0MH Datasheet(PDF) 1 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 1 Page - STMicroelectronics

  VL6522V0MH Datasheet HTML 1Page - STMicroelectronics VL6522V0MH Datasheet HTML 2Page - STMicroelectronics VL6522V0MH Datasheet HTML 3Page - STMicroelectronics VL6522V0MH Datasheet HTML 4Page - STMicroelectronics VL6522V0MH Datasheet HTML 5Page - STMicroelectronics VL6522V0MH Datasheet HTML 6Page - STMicroelectronics VL6522V0MH Datasheet HTML 7Page - STMicroelectronics VL6522V0MH Datasheet HTML 8Page - STMicroelectronics VL6522V0MH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2007
Rev 2
1/35
35
VL6522
VGA resolution USB2.0 web camera sensor
Features
■ 640 x 480 (VGA) USB2.0 Web camera
■ RGB Bayer color filter array
■ 3.6 µm pixel size
■ Integrated 10-bit video ADC and processing
■ 16-bit audio pre-amplifier,
Σ - Δ ADC and
processing
■ USB2.0 high speed interface for data transfer
and control
■ I
2C master capability
■ USB audio class type 1 compliance
■ USB video YUV2 compliance
■ On-chip 3.3 V and 1.8 V regulators
■ Requires single 5 V supply
■ Minimum required PCB support components
■ Video format: 640 x 480 YUV2 up to 30 fps
■ Single 12 MHz input clock
■ Integrated image processing functions:
– Automatic exposure
– Automatic white balance
– Dark level compensation
– Lens shading correction
– Image sub-sampling
– Flicker cancellation
– Sharpening
– Gamma correction
– RGB to YUV 422
■ Audio processing:
– Audio class compliance PCM16
– Preamplifier + ADC + processing
– Audio rates of 8 kHz to 48 kHz, 16 bits
– Audio dynamic range from mic. input to
USB data output > 60 dB
Description
The VL6522 is a VGA imager on chip (IOC),
fabricated in a high performance 0.18 µm CMOS
imaging process. The device produces a YUV
4:2:2 digital video data stream at up to 60(a)
frames per second, and supports a microphone
input.
Video and audio data is output via a USB2.0 high
speed (480 Mbps) interface and allows simple
interfacing to a host PC using generic audio and
video class drivers under the appropriate
operating system (Windows XP). Audio/video
class compliance and vendor command sets
allow development of other O/S drivers with
relative ease.
Figure 1.
Functional block diagram
a.
60 fps max at QVGA resolution, 30 fps max at VGA
resolution
USB2
interface
OSC, PLL
Power
management
VGA pixel array
+
ADC readout
Audio
pre-amplifier
+
ADC
audio
data
pixel video
data
Digital processing
www.st.com


Similar Part No. - VL6522V0MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL6524 STMICROELECTRONICS-VL6524 Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
VL6524QOMH STMICROELECTRONICS-VL6524QOMH Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
More results

Similar Description - VL6522V0MH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC5181 ETC-UC5181 Datasheet
73Kb / 1P
USB Camera Module SVGA Resolution
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
USB VGA Digital Camera Chipset
Oct-1999
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
VGA CAMERA MODULE
logo
List of Unclassifed Man...
M5603C ETC2-M5603C Datasheet
89Kb / 1P
HIGH-SPEED USB2.0 VIDEO CAMERA CONTROLLER
logo
Pixart Imaging Inc.
PAP7501V PIXART-PAP7501V Datasheet
314Kb / 12P
USB2.0 PC Camera Controller
logo
STMicroelectronics
IMG-524-P01 STMICROELECTRONICS-IMG-524-P01 Datasheet
63Kb / 3P
VGA Mobile Camera Module
Feb-2005
logo
Agilent(Hewlett-Packard...
ADCM-2650-0001 HP-ADCM-2650-0001 Datasheet
152Kb / 3P
Portrait VGA Resolution CMOS Camera Module
logo
ams AG
CMV300 AMSCO-CMV300 Datasheet
1Mb / 56P
VGA resolution CMOS image sensor
logo
Contec Co., Ltd
AI-1608GY-USB CONTEC-AI-1608GY-USB Datasheet
352Kb / 3P
Terminal for USB2.0 High-Resolution Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com