Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8580_08 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
69
INTERRUPT GENERATION (INT_N)
The hardware interrupot INT_N flag (active low) indicates that a change of status has occurred on
one or more of the UNLOCK, INVALID, TRANS_ERR, NON_AUDIO, CPY_N, DEEMPH, CSUD or
REC_FREQ flags. To determine which flag caused the interrupt, the Interrupt Status Register
(INTSTAT) should be read when INT_N is asserted. INVALID, TRANS_ERR and CSUD generate an
interrupt when the flag transitions from low to high. UNLOCK, NON_AUDIO, CPY_N, DEEMPH and
REC_FREQ will generate an interrupt on any change in status. INT_N will remain asserted until it is
cleared by reading the interrupt status register. If INVALID, TRANS_ERR or CSUD are still active
when the interrupt status register is read, INT_N remains asserted.
Table 68 Interrupt Status Register
Where the INT_N has been asserted by an update signal (UPD_UNLOCK, UPD_NON_AUDIO,
UPD_CPY_N, UPD_DEEMPH, UPD_REC_FREQ) the S/PDIF Status Register can be read to reveal
the satus of the flag. See Table 69.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
UPD_UNLOCK
-
UNLOCK flag update signal
0 = INT_N not caused by update to UNLOCK flag
1 = INT_N caused by update to UNLOCK flag
1
INT_INVALID
-
INVALID flag interrupt signal
0 = INT_N not caused by INVALID flag
1 = INT_N caused by INVALID flag
2
INT_CSUD
-
CSUD flag interrupt signal
0 = INT_N not caused by CSUD flag
1 = INT_N caused by CSUD flag
3
INT_TRANS
_ERR
-
TRANS_ERR flag interrupt signal
0 = INT_N not caused by TRANS_ERR flag
1 = INT_N caused by TRANS_ERR flag
4
UPD_NON_AUDIO
-
NON_AUDIO update signal
0 = INT_N not caused by update to NON_AUDIO flag
1 = INT_N caused by update to NON_AUDIO flag
5
UPD_CPY_N
-
CPY_N update signal
0 = INT_N not caused by update to CPY_N flag
1 = INT_N caused by update to CPY_N flag
6
UPD_DEEMPH
-
DEEMPH update signal
0 = INT_N not caused by update to DEEMPH flag
1 = INT_N caused by update to DEEMPH flag
R43
INTSTAT
2Bh
(read-only)
7
UPD_REC_FREQ
-
REC_FREQ update signal
0 = INT_N not caused by update to REC_FREQ flag
1 = INT_N caused by update to REC_FREQ flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com