Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8580_08 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
11
Test Conditions
AVDD, PVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, PGND, DGND = 0V, TA = +25
oC, 1kHz Signal, fs = 48kHz, 24-
Bit Data, Slave Mode, MCLK, ADCMCLK = 256fs, 1Vrms Input Signal Level unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Reference Levels
Reference voltage
VVMID
VREFP/2 –
50mV
VREFP/2
VREFP/2 +
50mV
V
VREFP to VMID and
VMID to VREFN
VMIDSEL = 1
14
kΩ
Potential divider resistance
RVMID
VREFP to VMID and
VMID to VREFN
VMIDSEL = 0
44
kΩ
S/PDIF Transceiver Performance
Jitter on recovered clock
50
ps
S/PDIF Input Levels CMOS MODE
Input LOW level
VIL
0.3 X DVDD
V
Input HIGH level
VIH
0.7 X DVDD
V
Input capacitance
1.25
pF
Input Frequency
36
MHz
S/PDIF Input Levels Comparator MODE
Input capacitance
10
pF
Input resistance
23
kΩ
Input frequency
25
MHz
Input Amplitude
200
0.5 X DVDD
mV
PLL
Period Jitter
80
ps(rms)
XTAL
Input XTI LOW level
VXIL
0
557
mV
Input XTI HIGH level
VXIH
853
mV
Input XTI capacitance
CXJ
3.32
4.491
pF
Input XTI leakage
IXleak
28.92
38.96
mA
Output XTO LOW
VXOL
15pF load capacitors
86
278
mV
Output XTO HIGH
VXOH
15pF load capacitors
1.458
1.942
V
Supply Current
Analogue supply current
AVDD, VREFP = 5V
45
mA
Analogue supply current
AVDD, VREFP = 3.3V
30
mA
Digital supply current
DVDD = 3.3V
25
mA
Power Down
500
µA
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use
such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible, it may affect dynamic
specification values.
3.
VMID decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).
4.
PSSR measured with VMID set to high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com