Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8580_08 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
89
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Attenuation
DACR 3
19h
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store RDA3 in intermediate latch (no change to output)
1 = Apply RDA3 and update attenuation on all channels
7:0
MASTDA[7:0]
11111111
(0dB)
Digital Attenuation control for all DAC channels in 0.5dB steps.
See Table 23
R28
Master Digital
Attenuation
1Ch
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store gain in intermediate latch (no change to output)
1 = Apply gain and update attenuation on all channels
0
AMUTEL
0
ADC Mute select
0 = Normal Operation
1 = mute ADC left
1
AMUTER
0
ADC Mute select
0 = Normal Operation
1 = mute ADC right
2
AMUTEALL
0
ADC Mute select
0 = Normal Operation
1 = mute both ADC channels
3
ADCOSR
0
ADC oversample rate select
0 = 128/64 x oversampling
1 = 64/32 x oversampling
4
ADCHPD
0
ADC high-pass filter disable:
0 = high-pass filter enabled
1 = high-pass filter disabled
7:5
ADCRATE[2:0]
010
ADC Rate Control (only used when the S/PDIF Transmitter is the
only interface sourcing the ADC)
000 = 128fs
001 = 192fs
010 = 256fs
011 = 384fs
100 = 512fs
101 = 768fs
110 = 1152fs
R29
ADC
Control 1
1Dh
8
VMIDSEL
1
VMID Impedance Selection
0 = High impedance, power saving
1 = Low impedance, fast power-on
1:0
TXSRC[1:0]
10
S/PDIF Transmitter Data Source
00 = S/PDIF received data (see REAL_THROUGH)
01 = ADC digital output data.
10 = Secondary Audio Interface
11 = Audio Interface received data
2
OVWCHAN
0
Only used if TXSRC==00. Overwrites the ‘through-path’ Channel
Bit with values determined by the channel-bit control registers.
0 = Channel data equal to recovered channel data.
1 = Channel data taken from channel status registers.
R30
SPDTXCHAN 0
1Eh
3
REAL_
THROUGH
0
S/PDIF Through Mode Control
0 = SPDIFOP pin sources output of S/PDIF Transmitter
1 = SPDIFOP pins sources output of S/PDIF IN Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com