Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8580_08 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
75
INTERNAL POWER ON RESET CIRCUIT
Figure 40 Internal Power On Reset Circuit Schematic
The WM8580 includes an internal Power-On Reset Circuit, which is used to reset the digital logic into
a default state after power up.
Figure 40 shows a schematic of the internal POR circuit. The POR circuit is powered from AVDD.
The circuit monitors DVDD and VMID and asserts PORB low if DVDD or VMID are below the
minimum threshold Vpor_off.
On power up, the POR circuit requires AVDD to be present to operate. PORB is asserted low until
AVDD, DVDD and VMID voltages have risen above their reset thresholds. When these three
conditions have been met, PORB is released high. When PORB is released high, all registers are in
their default state and writes to the digital interface may take place.
On power down, PORB is asserted low whenever DVDD or VMID drop below the minimum threshold
Vpor_off.
If AVDD is removed at any time, the internal Power On Reset circuit is powered down and the PORB
output will follow the AVDD voltage.
In most applications, the time required for the device to release PORB high will be determined by the
charge time of the VMID node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com