Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8580_08 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
WM8580
Production Data
w
PD Rev 4.5 February 2008
10
Test Conditions
AVDD, PVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, PGND, DGND = 0V, TA = +25
oC, 1kHz Signal, fs = 48kHz, 24-
Bit Data, Slave Mode, MCLK, ADCMCLK = 256fs, 1Vrms Input Signal Level unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1kHz 100mVp-p
50
dB
Power Supply Rejection Ratio
(See note 4)
PSRR
20Hz to 20kHz
100mVp-p
45
dB
ADC Performance WM8580AGEFT/V, WM8580AGEFT/RV (+25˚C)
Full Scale Input Signal Level (for
ADC 0dB Input)
1.0 x
VREFP/5
Vrms
Input resistance
6
kΩ
Input capacitance
10
pF
A-weighted,
@ fs = 48kHz
90
100
dB
Unweighted,
@ fs = 48kHz
97
dB
A-weighted,
@ fs = 48kHz, AVDD =
3.3V
97
dB
A-weighted,
@ fs = 96kHz
97
dB
Unweighted,
@ fs = 96kHz
94
dB
A-weighted,
@ fs = 96kHz, AVDD =
3.3V
94
dB
A-weighted,
@ fs = 192kHz
97
dB
Unweighted,
@ fs = 192kHz
94
dB
Signal to Noise Ratio (See
Terminology 1,2,4)
SNR
A-weighted,
@ fs = 192kHz, AVDD
= 3.3V
94
dB
1kHz, -1dB Full Scale
@ fs = 48kHz
-87
-80
dB
1kHz, -1dB Full Scale
@ fs = 96kHz
-86
dB
Total Harmonic Distortion
THD
1kHz, -1dB Full Scale
@ fs = 192kHz
-85
dB
Dynamic Range
DNR
-60dB FS
90
100
ADC Channel Separation
1kHz Input
97
dB
Channel Level Matching (See
Terminology 4)
1KHz Signal
0.1
dB
Channel Phase Deviation
1kHz Signal
0.0001
Degree
Offset Error
HPF On
HPF Off
0
100
LSB
LSB
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Input leakage current
-1
±0.2
+1
µA
Input capacitance
5
pF
Output LOW
VOL
IOL=1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH= -1mA
0.9 x DVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com