Electronic Components Datasheet Search
  English  ▼

X  

PF0100 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0100 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PF0100 Datasheet HTML 17Page - NXP Semiconductors PF0100 Datasheet HTML 18Page - NXP Semiconductors PF0100 Datasheet HTML 19Page - NXP Semiconductors PF0100 Datasheet HTML 20Page - NXP Semiconductors PF0100 Datasheet HTML 21Page - NXP Semiconductors PF0100 Datasheet HTML 22Page - NXP Semiconductors PF0100 Datasheet HTML 23Page - NXP Semiconductors PF0100 Datasheet HTML 24Page - NXP Semiconductors PF0100 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
NXP Semiconductors
21
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.1.2
One time programmability (OTP)
OTP allows the programming of start-up configurations for a variety of applications. Before permanently programming the IC by
programming fuses, a configuration may be prototyped by using the “Try Before Buy” (TBB) feature. Further, an error correction
code(ECC) algorithm is available to correct a single bit error and to detect multiple bit errors when fuses are programmed.
The parameters which can be configured by OTP are listed below.
• General: I2C slave address, PWRON pin configuration, start-up sequence and timing
• Buck regulators: Output voltage, dual/single phase or independent mode configuration, switching frequency, and soft start ramp
rate
• Boost regulator and LDOs: Output voltage
NOTE: When prototyping or programming fuses, the user must ensure register settings are consistent with the hardware configuration.
This is most important for the buck regulators, where the quantity, size, and value of the inductors depend on the configuration (single/
dual phase or independent mode) and the switching frequency. Additionally, if an LDO is powered by a buck regulator, it is gated by the
buck regulator in the start-up sequence.
6.1.2.1
Start-up sequence and timing
Each regulator has 5-bit allocated to program its start-up time slot from a turn on event; therefore, each can be placed from position one
to thirty-one in the start-up sequence. The all zeros code indicates a regulator is not part of the start-up sequence and remains off. See
Table 12. The delay between each position is equal; however, four delay options are available. See Table 13. The start-up sequence
terminates at the last programmed regulator.
tD4
Delay between regulators
• SEQ_CLK_SPEED[1:0] = 00
–0.5
–
ms
• SEQ_CLK_SPEED[1:0] = 01
–1.0
–
• SEQ_CLK_SPEED[1:0] = 10
–2.0
–
• SEQ_CLK_SPEED[1:0] = 11
–4.0
–
tR4
Rise time of RESETBMCU
–
0.2
–
ms
tD5
Turn-on delay of RESETBMCU
–
2.0
–
ms
Notes
26.
Assumes LICELL voltage is valid before VIN is applied. If LICELL is not valid before VIN is applied then VSNVS turn-on delay may extend to a
maximum of 24 ms.
27.
Depends on the external signal driving PWRON.
28.
Default configuration.
29.
Rise time is a function of slew rate of regulators and nominal voltage selected.
Table 11. Default start-up sequence timing (continued)
Parameter
Description
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com