Electronic Components Datasheet Search
  English  ▼

X  

PF0100 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0100 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PF0100 Datasheet HTML 67Page - NXP Semiconductors PF0100 Datasheet HTML 68Page - NXP Semiconductors PF0100 Datasheet HTML 69Page - NXP Semiconductors PF0100 Datasheet HTML 70Page - NXP Semiconductors PF0100 Datasheet HTML 71Page - NXP Semiconductors PF0100 Datasheet HTML 72Page - NXP Semiconductors PF0100 Datasheet HTML 73Page - NXP Semiconductors PF0100 Datasheet HTML 74Page - NXP Semiconductors PF0100 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 136 page
background image
NXP Semiconductors
71
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
The output voltage set point is independently programmed for normal, standby, and sleep mode by setting the SW4[5:0], SW4STBY[5:0],
and SW4OFF[5:0] bits, respectively. However, the initial state of the SW4[6] bit is copied into bits SW4STBY[6], and SW4OFF[6] bits, so
the output voltage range remains the same on all three operating modes. Table 79 shows the output voltage coding valid for SW4.
Note: Voltage set points of 0.6 V and below are not supported, except in the VTT mode.
Table 79. SW4 output voltage configuration
Low output voltage range(57)
High output voltage range
Set point
SW4[6:0]
SW4 output
Set point
SW4[6:0]
SW4 output
0
0000000
0.4000
64
1000000
0.8000
1
0000001
0.4250
65
1000001
0.8500
2
0000010
0.4500
66
1000010
0.9000
3
0000011
0.4750
67
1000011
0.9500
4
0000100
0.5000
68
1000100
1.0000
5
0000101
0.5250
69
1000101
1.0500
6
0000110
0.5500
70
1000110
1.1000
7
0000111
0.5750
71
1000111
1.1500
8
0001000
0.6000
72
1001000
1.2000
9
0001001
0.6250
73
1001001
1.2500
10
0001010
0.6500
74
1001010
1.3000
11
0001011
0.6750
75
1001011
1.3500
12
0001100
0.7000
76
1001100
1.4000
13
0001101
0.7250
77
1001101
1.4500
14
0001110
0.7500
78
1001110
1.5000
15
0001111
0.7750
79
1001111
1.5500
16
0010000
0.8000
80
1010000
1.6000
17
0010001
0.8250
81
1010001
1.6500
18
0010010
0.8500
82
1010010
1.7000
19
0010011
0.8750
83
1010011
1.7500
20
0010100
0.9000
84
1010100
1.8000
21
0010101
0.9250
85
1010101
1.8500
22
0010110
0.9500
86
1010110
1.9000
23
0010111
0.9750
87
1010111
1.9500
24
0011000
1.0000
88
1011000
2.0000
25
0011001
1.0250
89
1011001
2.0500
26
0011010
1.0500
90
1011010
2.1000
27
0011011
1.0750
91
1011011
2.1500
28
0011100
1.1000
92
1011100
2.2000
29
0011101
1.1250
93
1011101
2.2500
30
0011110
1.1500
94
1011110
2.3000
31
0011111
1.1750
95
1011111
2.3500
32
0100000
1.2000
96
1100000
2.4000
33
0100001
1.2250
97
1100001
2.4500
34
0100010
1.2500
98
1100010
2.5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com