Electronic Components Datasheet Search
  English  ▼

X  

PF0100 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0100 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PF0100 Datasheet HTML 4Page - NXP Semiconductors PF0100 Datasheet HTML 5Page - NXP Semiconductors PF0100 Datasheet HTML 6Page - NXP Semiconductors PF0100 Datasheet HTML 7Page - NXP Semiconductors PF0100 Datasheet HTML 8Page - NXP Semiconductors PF0100 Datasheet HTML 9Page - NXP Semiconductors PF0100 Datasheet HTML 10Page - NXP Semiconductors PF0100 Datasheet HTML 11Page - NXP Semiconductors PF0100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
8
NXP Semiconductors
PF0100
PIN CONNECTIONS
3.2
Pin definitions
Table 4. PF0100 pin definitions
Pin number
Pin name
Pin
function
Max rating
Type
Definition
1
INTB
O
3.6 V
Digital
Open drain interrupt signal to processor
2
SDWNB
O
3.6 V
Digital
Open drain signal to indicate an imminent system shutdown
3
RESETBMCU
O
3.6 V
Digital
Open drain reset output to processor. Alternatively can be used as a power
good output.
4
STANDBY
I
3.6 V
Digital
Standby input signal from processor
5
ICTEST
I
7.5 V
Digital/
Analog
Reserved pin. Connect to GND in application.
6SW1FB (6)
I
3.6 V
Analog
Output voltage feedback for SW1A/B. Route this trace separately from the
high current path and terminate at the output capacitance.
7SW1AIN (6)
I
4.8 V
Analog
Input to SW1A regulator. Bypass with at least a 4.7
μF ceramic capacitor
and a 0.1
μF decoupling capacitor as close to the pin as possible.
8
SW1ALX (6)
O
4.8 V
Analog
Regulator 1A switch node connection
9
SW1BLX (6)
O
4.8 V
Analog
Regulator 1B switch node connection
10
SW1BIN (6)
I
4.8 V
Analog
Input to SW1B regulator. Bypass with at least a 4.7
μF ceramic capacitor
and a 0.1
μF decoupling capacitor as close to the pin as possible.
11
SW1CLX (6)
O
4.8 V
Analog
Regulator 1C switch node connection
12
SW1CIN (6)
I
4.8 V
Analog
Input to SW1C regulator. Bypass with at least a 4.7
μF ceramic capacitor
and a 0.1
μF decoupling capacitor as close to the pin as possible.
13
SW1CFB (6)
I
3.6V
Analog
Output voltage feedback for SW1C. Route this trace separately from the
high current path and terminate at the output capacitance.
14
SW1VSSSNS
GND
-
GND
Ground reference for regulators SW1ABC. It is connected externally to
GNDREF through a board ground plane.
15
GNDREF1
GND
-
GND
Ground reference for regulators SW2 and SW4. It is connected externally to
GNDREF, via board ground plane.
16
VGEN1
O
2.5 V
Analog
VGEN1 regulator output, Bypass with a 2.2
μF ceramic output capacitor.
17
VIN1
I
3.6 V
Analog
VGEN1, 2 input supply. Bypass with a 1.0
μF decoupling capacitor as close
to the pin as possible.
18
VGEN2
O
2.5 V
Analog
VGEN2 regulator output, Bypass with a 4.7
μF ceramic output capacitor.
19
SW4FB (6)
I
3.6 V
Analog
Output voltage feedback for SW4. Route this trace separately from the high
current path and terminate at the output capacitance.
20
SW4IN (6)
I
4.8 V
Analog
Input to SW4 regulator. Bypass with at least a 4.7
μF ceramic capacitor and
a 0.1
μF decoupling capacitor as close to the pin as possible.
21
SW4LX (6)
O
4.8 V
Analog
Regulator 4 switch node connection
22
SW2LX (6)
O
4.8 V
Analog
Regulator 2 switch node connection
23
SW2IN (6)
I
4.8 V
Analog
Input to SW2 regulator. Connect pin 23 together with pin 24 and bypass with
at least a 4.7
μF ceramic capacitor and a 0.1 μF decoupling capacitor as
close to these pins as possible.
24
SW2IN (6)
I
4.8 V
Analog
25
SW2FB (6)
I
3.6 V
Analog
Output voltage feedback for SW2. Route this trace separately from the high
current path and terminate at the output capacitance.
26
VGEN3
O
3.6 V
Analog
VGEN3 regulator output. Bypass with a 2.2
μF ceramic output capacitor.
27
VIN2
I
3.6 V
Analog
VGEN3,4 input. Bypass with a 1.0
μF decoupling capacitor as close to the
pin as possible.
28
VGEN4
O
3.6 V
Analog
VGEN4 regulator output, Bypass with a 4.7
μF ceramic output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com