Electronic Components Datasheet Search
  English  ▼

X  

PF0100 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0100 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PF0100 Datasheet HTML 6Page - NXP Semiconductors PF0100 Datasheet HTML 7Page - NXP Semiconductors PF0100 Datasheet HTML 8Page - NXP Semiconductors PF0100 Datasheet HTML 9Page - NXP Semiconductors PF0100 Datasheet HTML 10Page - NXP Semiconductors PF0100 Datasheet HTML 11Page - NXP Semiconductors PF0100 Datasheet HTML 12Page - NXP Semiconductors PF0100 Datasheet HTML 13Page - NXP Semiconductors PF0100 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
10
NXP Semiconductors
PF0100
GENERAL PRODUCT CHARACTERISTICS
4
General product characteristics
4.1
Absolute maximum ratings
Table 5. Absolute maximum ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause malfunction or permanent damage
to the device. The detailed maximum voltage rating per pin can be found in the pin list section.
Symbol
Description
Value
Unit
Notes
Electrical ratings
VIN
Main input supply voltage
-0.3 to 4.8
V
VDDOTP
OTP programming input supply voltage
-0.3 to 10
V
VLICELL
Coin cell voltage
-0.3 to 3.6
V
VESD
ESD ratings
Human body model
Charge device model
±2000
±500
V
(7)
Notes
7.
ESD testing is performed in accordance with the human body model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the charge device model (CDM),
robotic (CZAP = 4.0 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com