Electronic Components Datasheet Search
  English  ▼

X  

PF0100 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PF0100 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PF0100 Datasheet HTML 2Page - NXP Semiconductors PF0100 Datasheet HTML 3Page - NXP Semiconductors PF0100 Datasheet HTML 4Page - NXP Semiconductors PF0100 Datasheet HTML 5Page - NXP Semiconductors PF0100 Datasheet HTML 6Page - NXP Semiconductors PF0100 Datasheet HTML 7Page - NXP Semiconductors PF0100 Datasheet HTML 8Page - NXP Semiconductors PF0100 Datasheet HTML 9Page - NXP Semiconductors PF0100 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 136 page
background image
6
NXP Semiconductors
PF0100
INTERNAL BLOCK DIAGRAM
2
Internal block diagram
Figure 2. Simplified internal block diagram
VIN
LICELL
SWBSTFB
SWBSTIN
SWBSTLX
O/P
Drive
SWBST
600 mA
Boost
SCL
SDA
VDDIO
SW3A/B
Single/Dual
DDR
2500 mA
Buck
VCOREDIG
VCOREREF
GNDREF
SW1CFB
SW1AIN
SW1C
2000 mA
Buck
SW1FB
SW1ALX
SW1BLX
SW1A/B
Single/Dual
2500 mA
Buck
SW1VSSSNS
VSNVS
Li Cell
Charger
SW2
2000 mA
Buck
VGEN1
100 mA
VGEN1
VIN1
VGEN2
250 mA
VGEN2
VGEN3
100 mA
VGEN3
VIN2
VGEN4
350 mA
VGEN4
VGEN5
100 mA
VGEN5
VIN3
VGEN6
200 mA
VGEN6
Best
of
Supply
OTP
SW4
1000 mA
Buck
VREFDDR
VDDOTP
VINREFDDR
VHALF
VCORE
PF0100
CONTROL
Clocks
32 kHz and 16 MHz
Initialization State Machine
I2C
Interface
Clocks and
resets
I2C Register
map
Trim-In-Package
O/P
Drive
O/P
Drive
SW1BIN
SW1CLX
O/P
Drive
SW1CIN
SW2FB
SW2LX
O/P
Drive
SW2IN
SW2IN
SW3AIN
SW3AFB
SW3ALX
SW3BLX
O/P
Drive
O/P
Drive
SW3BIN
SW3BFB
SW3VSSSNS
SW4IN
SW4FB
SW4LX
O/P
Drive
Supplies
Control
DVS Control
DVS CONTROL
Reference
Generation
Core Control logic
GNDREF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com