Electronic Components Datasheet Search
  English  ▼

X  

DVC 1000 Datasheet(PDF) 2 Page - LEM

Part # DVC 1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC 1000 Datasheet(HTML) 2 Page - LEM

  DVC 1000 Datasheet HTML 1Page - LEM DVC 1000 Datasheet HTML 2Page - LEM DVC 1000 Datasheet HTML 3Page - LEM DVC 1000 Datasheet HTML 4Page - LEM DVC 1000 Datasheet HTML 5Page - LEM DVC 1000 Datasheet HTML 6Page - LEM DVC 1000 Datasheet HTML 7Page - LEM DVC 1000 Datasheet HTML 8Page - LEM DVC 1000 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Page 2/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Safety
⚠
Caution
If the device is used in a way that is not specified by the manufacturer, the protection provided by the device may be compromised.
Always inspect the electronics unit and connecting before using this product and do not use it if damaged.
Mounting assembly shall guarantee the maximum primary conductor temperature, fulfill clearance and creepage distance,
minimize electric and magnetic coupling, and unless otherwise specified can be mounted in any orientation.
Caution, risk of electrical shock
This transducer must be used in limited-energy secondary circuits SELV according to IEC 61010-1, in electric/electronic equipment
with respect to applicable standards and safety requirements in accordance with the manufacturer’s operating specifications.
Use caution during installation and use of this product; certain parts of the module can carry hazardous voltages (e.g. power
supply, primary conductor).
Ignoring this warning can lead to injury and or/or cause serious damage.
All installations, maintenance, servicing operations and use must be carried out by trained and qualified personnel practicing
applicable safety precautions.
This transducer is a build-in device, whose hazardous live parts must be inaccessible after installation.
This transducer must be mounted in a suitable end-enclosure.
Besides make sure to have a distance of minimum 30 mm between the primary terminals of the transducer and other neighboring
components.
Main supply must be able to be disconnected.
Never connect or disconnect the external power supply while the primary circuit is connected to live parts.
Never connect the ouptut to any equimement with a common mode voltage to earth greater than 30 V.
Always wear protective clothing and gloves if hazardous live parts are present in the installation where the measurement is carried
out.
This transducer is a built-in device, not intended to be cleaned with any product. Nevertheless if the user must implement cleaning
or washing process, validation of the cleaning program has to be done by himself.
ESD susceptibility
The product is susceptible to be damaged from an ESD event and the personnel should be grounded when handling it.
Do not dispose of this product as unsorted municipal waste. Contact a qualified recycler for disposal.
Underwriters Laboratory Inc. recognized component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com