Electronic Components Datasheet Search
  English  ▼

X  

DVC 1000 Datasheet(PDF) 1 Page - LEM

Part # DVC 1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC 1000 Datasheet(HTML) 1 Page - LEM

  DVC 1000 Datasheet HTML 1Page - LEM DVC 1000 Datasheet HTML 2Page - LEM DVC 1000 Datasheet HTML 3Page - LEM DVC 1000 Datasheet HTML 4Page - LEM DVC 1000 Datasheet HTML 5Page - LEM DVC 1000 Datasheet HTML 6Page - LEM DVC 1000 Datasheet HTML 7Page - LEM DVC 1000 Datasheet HTML 8Page - LEM DVC 1000 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Page 1/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
97.R2.60.000.0
Voltage Transducer DVC 1000
U
P N = 1000 V
For the electronic measurement of voltage: DC, AC, pulsed..., with galvanic separation between
the primary and the secondary circuit.
Features
● Bipolar and insulated measurement up to 1500 V
● Current output
● Panel and DIN rail mounting
● Push-in connections
● Built-in device
● Ingress protection rating IP 20.
Advantages
● Low consumption and low losses
● Compact design
● Very low sensitivity to common mode voltage variations
● Excellent accuracy (offset, sensitivity, linearity)
● Fast delay time
● Low temperature drift
● High immunity to external interferences.
Applications
● AC variable speed and servo motor drives
● Static converters for DC motor drives
● Battery supplied applications
● Uninterruptible Power Supplies (UPS)
● Power supplies for welding applications
● Single or three phase inverters
● Auxiliary converters
● Substations.
Standards
● EN 50155: 2021
● EN 50121-3-2: 2016
● IEC 62497-1: 2010
● IEC 61000-6-2: 2016
● IEC 61000-6-4: 2016
● IEC 61800-3: 2005
● IEC 61010-1: 2010
● IEC 61800-5-1: 2007
● IEC 62109-1: 2010
● UL 508: 2018.
Application Domain
● Industrial or Railway (fixed installations and onboard).


Similar Part No. - DVC 1000

ManufacturerPart #DatasheetDescription
logo
LEM
DVC1000-P LEM-DVC1000-P Datasheet
1Mb / 9P
Voltage transducer DVC 1000-P
28February2018
logo
Powerbox
DVC125 POWERBOX-DVC125 Datasheet
97Kb / 2P
9 7 . 5 - 1 3 2 WAT T S D C / D C C O N V E R T E R
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
logo
Texas Instruments
DVC5416PGE160IDWLD TI1-DVC5416PGE160IDWLD Datasheet
881Kb / 98P
Fixed-Point Digital Signal Processor
More results

Similar Description - DVC 1000

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-1000 LEM-LV100-1000 Datasheet
66Kb / 2P
Voltage Transducer LV 100-1000
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
Current Transducer HAR 1000-S
LV25-1000 LEM-LV25-1000 Datasheet
73Kb / 2P
Voltage Transducer LV 25-1000
LV25P LEM-LV25P Datasheet
69Kb / 2P
VOLTAGE TRANSDUCER
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
Voltage Transducer
CV3-500 LEM-CV3-500 Datasheet
40Kb / 2P
Voltage Transducer
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
Voltage Transducer
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
Voltage Transducer
DVC1000-P LEM-DVC1000-P Datasheet
1Mb / 9P
Voltage transducer DVC 1000-P
28February2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com