Electronic Components Datasheet Search
  English  ▼

X  

DVC 1000 Datasheet(PDF) 9 Page - LEM

Part # DVC 1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC 1000 Datasheet(HTML) 9 Page - LEM

Back Button DVC 1000 Datasheet HTML 5Page - LEM DVC 1000 Datasheet HTML 6Page - LEM DVC 1000 Datasheet HTML 7Page - LEM DVC 1000 Datasheet HTML 8Page - LEM DVC 1000 Datasheet HTML 9Page - LEM DVC 1000 Datasheet HTML 10Page - LEM DVC 1000 Datasheet HTML 11Page - LEM DVC 1000 Datasheet HTML 12Page - LEM DVC 1000 Datasheet HTML 13Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Page 9/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Figure 7: Detail of typical common mode perturbation
(1000 V step with 6 kV/µs, R
M = 100 Ω)
Figure 8: Typical step response (0 to 1000 V)
Typical performance characteristics
Figure 9: Gain function of frequency
Figure 10: Phase shift function of frequency
Input U
P: 200 V/div
Output I
S: 5 mA/div
Timebase: 0.5 µs/div
U
P
I
S
U
P
I
S
Input U
P: 200 V/div
Output I
S: 5 mA/div
Timebase: 5 µs/div
-21
-18
-15
-12
-9
-6
-3
0
3
0.01
0.10
1.00
10.00
100.00
Frequency (kHz)
-240
-180
-120
-60
0
60
0.01
0.10
1.00
10.00
100.00
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com