Electronic Components Datasheet Search
  English  ▼

X  

DVC 1000 Datasheet(PDF) 3 Page - LEM

Part # DVC 1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC 1000 Datasheet(HTML) 3 Page - LEM

  DVC 1000 Datasheet HTML 1Page - LEM DVC 1000 Datasheet HTML 2Page - LEM DVC 1000 Datasheet HTML 3Page - LEM DVC 1000 Datasheet HTML 4Page - LEM DVC 1000 Datasheet HTML 5Page - LEM DVC 1000 Datasheet HTML 6Page - LEM DVC 1000 Datasheet HTML 7Page - LEM DVC 1000 Datasheet HTML 8Page - LEM DVC 1000 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Page 3/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Maximum DC supply voltage ⎓ (U
P = 0 V, 0.1 s)
±Û
C max
V
±28
Maximum DC supply voltage ⎓ (working) (−40 … +85 °C)
±U
C max
V
±25.2
Electrostatic discharge voltage (HBM - Human Body Model)
U
ESD HBM
kV
4
Maximum DC common mode voltage
U
HV+ + UHV−
and |U
HV+ − UHV−|
kV
≤ 1.5
Absolute maximum ratings apply at 25 °C unless otherwise noted.
Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may degrade reliability.
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
−40
85
Ambient storage temperature
T
A st
°C
−50
90
Equipment operating temperature class
EN 50155: OT6
Switch-on extended operating
temperature class
EN 50155: ST0
Rapid temperature variation class
EN 50155: H2
Conformal coating type
EN 50155: PC2
Relative humidity
RH
%
95
Shock & vibration categorie and class
EN 50155: 1B, (EN 61373)
Mass
m
g
57
Ingress protection rating
IP20
IEC 60529 (Indoor use)
Altitude
m
2000 2)
Pollution degree
PD3 1)
Insulation voltage accordingly
Notes: 1) PD2 max accordingly to UL 508
2)
Insulation coordination at 2000 m.
RAMS data
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Useful life class
EN 50155: L4
Mean failure rate
λ
h-1
1/1029866
According to IEC 62380
T
A = 45 °C
ON: 20 hrs/day
ON/OFF: 320 cycles/year
U
C = ±15 ... 24 V, UP = 1000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com