Electronic Components Datasheet Search
  English  ▼

X  

DVC 1000 Datasheet(PDF) 10 Page - LEM

Part # DVC 1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC 1000 Datasheet(HTML) 10 Page - LEM

Back Button DVC 1000 Datasheet HTML 5Page - LEM DVC 1000 Datasheet HTML 6Page - LEM DVC 1000 Datasheet HTML 7Page - LEM DVC 1000 Datasheet HTML 8Page - LEM DVC 1000 Datasheet HTML 9Page - LEM DVC 1000 Datasheet HTML 10Page - LEM DVC 1000 Datasheet HTML 11Page - LEM DVC 1000 Datasheet HTML 12Page - LEM DVC 1000 Datasheet HTML 13Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Page 10/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Figure 11: Typical RMS noise voltage spectral density I
no
referred to secondary with R
M = 50 Ω
Figure 12: Typical total output RMS noise voltage U
no
referred to primary with R
M = 50 Ω
Typical performance characteristics
To calculate the total output RMS noise in a frequency band f1
to f2, the formula is:
(171 x 10−6)2 − (78 x 10−6)2 = 152 µV
with U
no(f) read from figure 12 (typical, RMS value).
Example:
What is the total output RMS noise from 100 to 1 kHz?
Figure 12 gives U
no(100 Hz) = 5 mV and Uno(1 kHz) = 30 mV.
Therefore, the total output RMS noise voltage referred to
primary is 30 mV.
-200
-190
-180
-170
-160
-150
-140
-130
-120
-110
-100
0.01
0.10
1.00
10.00
100.00
Frequency (kHz)
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0.01
0.10
1.00
10.00
100.00
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com