Electronic Components Datasheet Search
  English  ▼

X  

AC400-R00D-CIT Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # AC400-R00D-CIT
Description  Hydrogen Sulfide (H2S) Intelligent Series Gas Sensor (iseries)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AC400-R00D-CIT Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  AC400-R00D-CIT Datasheet HTML 1Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 2Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 3Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 4Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTELLIGENT SERIES GAS SENSORS (iSERIES)
iH2S SERIES
iH2S Series Gas Sensor Datasheet | sps.honeywell.com/ast |
2
Product Dimensions
20,0 (includes label)
10,0 ±0,2
45°
‡
(O-ring)
7,00 ±0,10
6,75
CS
Ve
+V
‡ For mounting and sealing
around sensor, refer to the
Sensor Mounting Application
Note.
Do not
obscure
Rx
Tx
3,6
Ø 2,00
Shorting pads
3 posn.
2,0 typ.
5,4
10,8
3,6
1,8
All dimensions in mm
Do not connect to
unlabeled pins.
TABLE 2. ELECTRICAL SPECIFICATIONS
Min.
Max.
Typ.
Unit
Supply Voltage (Vdd)
3
3.6
3.3
Vdc
Voltage of any pin relative to
ground
0
3.6
–
Vdc
Peak supply current (typ. volt)
25
mA
Current: at stand-by mode
–
–
15.49
mA
Current: at active mode
–
–
26.67
mA
Average power consumption
0.046
90
0.088
mW
For compatibility with the whole iseries range, the supply voltage should be
between 3.1 V and 3.3 V.
TABLE 3. PINOUT
Pin
Description
+V
Positive power supply
-V
Ground
Rx
Data transmitted from instrument to sensor
Tx
Data transmitted from sensor to instrument
CS
Chip Select
Other Pads Do not connect, shorting link contacts only
TABLE 1. TECHNICAL SPECIFICATIONS
MEASUREMENT
Operating Principle
Electrochemical
Target Gas
H
2S
Range
0 ppm to 200 ppm
Accuracy
±5 % of measuring value
T90* Response Time
<30 seconds, typ.
T50* Response Time
<15 seconds
<30 seconds across temperature range
Output
ppm compensated for temperature
Overload (maximum
concentration that can be reached
before damaging the sensor)
1000 ppm
Recovery Time
from 200 ppm to <4 ppm
<180 seconds
Linearity*
Linear (±5 % from linear, up to 200 ppm)
Measurement Interval
1 sample per second (1 Hz)
Resolution
0.1 ppm
Baseline Offset*
<±0.5 ppm H
2S equivalent
Equilibrium Baseline
Shift from -40°C to
60°C
<±3 ppm
Repeatability*
±5% of measured value
Orientation Sensitivity
None
Serial Comunication
UART with Chip Select
ENVIRONMENTAL
Operating Temperature
Range
-40°C to 60°C
Operating Humidity
Range
5 % RH to 95 % RH (non-condensing)
Operating Pressure
Range
600 mbar to 1200 mbar
Recommended Storage
Temperature
0°C to 20°C
Flow Rate
Typical: 200 ml/min when using
recommended gassing hood.
(Consult iseries Sensor Mounting
Application Note).
LIFETIME
Long-Term Output
Drift*
<10% signal life per annum
Expected Operating Life 5 years in air
PHYSICAL CHARACTERISTICS
Weight
<6 g
Contact Material
Gold plated
O-Ring Material
FKM60 ±5 shore A
Outer Plastic Body
Material
Modified PPO
* Specifications are valid at 20°C, 50 % RH, and 1013 mbar using Honeywell
recommended circuitry. Performance characteristics outline the performance of
sensors supplied within the first three months. Output signal can drift below the
lower limit over time.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com