Electronic Components Datasheet Search
  English  ▼

X  

AC400-R00D-CIT Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # AC400-R00D-CIT
Description  Hydrogen Sulfide (H2S) Intelligent Series Gas Sensor (iseries)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AC400-R00D-CIT Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  AC400-R00D-CIT Datasheet HTML 1Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 2Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 3Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 4Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WARRANTY/REMEDY
Honeywell warrants goods of its
manufacture as being free of defective
materials and faulty workmanship
during the applicable warranty period.
Honeywell’s standard product warranty
applies unless agreed to otherwise by
Honeywell in writing; please refer to your
order acknowledgment or consult your
local sales office for specific warranty
details. If warranted goods are returned
to Honeywell during the period of
coverage, Honeywell will repair or replace,
at its option, without charge those items
that Honeywell, in its sole discretion,
finds defective.
The foregoing is buyer’s
sole remedy and is in lieu of all other
warranties, expressed or implied,
including those of merchantability
and fitness for a particular purpose.
In no event shall Honeywell be liable
for consequential, special, or indirect
damages.
While Honeywell may provide application
assistance personally, through our
literature and the Honeywell web site, it
is buyer’s sole responsibility to determine
the suitability of the product in the
application.
Specifications may change without
notice. The information we supply is
believed to be accurate and reliable as of
this writing. However, Honeywell assumes
no responsibility for its use.
ECN-00017266
002706-5-EN | 5 | 05/22
© 2022 Honeywell International Inc. All rights reserved.
m WARNING
MISUSE OF
DOCUMENTATION
•
The information presented in this
product sheet is for reference only.
Do not use this document as a
product installation guide.
•
Complete installation, operation,
and maintenance information
is provided in the instructions
supplied with each product.
Failure to comply with these
instructions could result in death or
serious injury.
SAFETY NOTE
This sensor is designed to be used in
safety-critical applications. To ensure
that the sensor and/or instrument in
which it is used, are operating properly, it
is a requirement that the function of the
device is confirmed by exposure to target
gas (bump check) before each use of the
sensor and/or instrument. Failure to carry
out such tests may jeopardize the safety of
people and property.
Under no circumstances should intelligent
sensor pads be soldered to, as this can
cause leakage of electrolyte. Connection
should be made via a mounting socket and
spring connector.
WARNING: SOLDERING TO
PADS WILL RENDER YOUR
WARRANTY VOID.
Honeywell
Advanced Sensing Technologies
830 East Arapaho Road
Richardson, TX 75081
sps.honeywell.com/ast
FOR MORE INFORMATION
Honeywell Advanced Sensing Technolo-
gies services its customers through a
worldwide network of sales offices and
distributors. For application assistance,
current specifications, pricing, or the
nearest Authorized Distributor,
visit
sps.honeywell.com/ast or call:
USA/Canada
+302 613 4491
Latin America
+1 305 805 8188
Europe
+44 1344 238258
Japan
+81 (0) 3-6730-7152
Singapore
+65 6355 2828
Greater China
+86 4006396841



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com