Electronic Components Datasheet Search
  English  ▼

X  

AC400-R00D-CIT Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # AC400-R00D-CIT
Description  Hydrogen Sulfide (H2S) Intelligent Series Gas Sensor (iseries)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AC400-R00D-CIT Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  AC400-R00D-CIT Datasheet HTML 1Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 2Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 3Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 4Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTELLIGENT SERIES GAS SENSORS (iSERIES)
iH2S SERIES
iH2S Series Gas Sensor Datasheet | sps.honeywell.com/ast |
3
TABLE 4. iH2S PARAMETERS
iH2S parameters
Default Values
Configurable Range
Notes
OEM code
(First level)
Password is
customisable.* (
NoLock
will be set by default in
case the OEM lock is
not required)
No more than 6 characters
(ASCII format)
ü
* OEM code will be set by Honeywell during sensor
manufacturing. Code to be provided by OEM
Partner code
(Second level)
–
No more than 6 characters
(ASCII format)
ü
Once this code has been set by user, it is not possible to
change it
User factor 0: 100
User factor 1: 95
UF 2-3: Reserved
UF 4-9: Customisable
–––––––––––
User factors can be
added to include auto-
compensation for using
different membranes or
instruments
10 allocated slots
–––––––––––
2 user factors are
already implemented (no
additional membrane
and with recommended
membrane), 2 are reserved
and the remaining 6 can be
customised
ü
*
ü
**
* User factor 0 and 1 programmed into the sensor during
manufacturing. Additional User Factors can be added to the
selectable list during the manufacturing process. This user
factor has to be provided by the user.
** Users can select the desired user factor from the selectable
list
Zero (clean air)
0 ppm
û
Calibration is performed at two points throughout the
operating range of the sensor. The calibration points are
defined by the zero and span values. The zero value represent
the response of the sensor in clean air
Span (target gas)
20 ppm
ü
Span is the calibration point that is done in the presence of
the target gas. The span concentration can be configured
through the communication protocol
Low
10 ppm
Limit LOW lower: 0.5
Limit LOW upper: 100
ü
High
20 ppm
Limit HIGH lower: 0.5
Limit HIGH upper: 100
ü
STEL
15 ppm
over 15 minutes
Limit STEL lower: 0.5
Limit STEL upper: 100
ü
Short-Term Exposure Limit: STEL is a limit value above
which exposure to a chemical substance should not occur. It
usually references a 15-minute period. STEL works to prevent
adverse health effects along with other unwanted effects due
to peak exposure that could possibly not be controlled by the
application of an 8 hour TWA limit
TWA
10 ppm over 8 hours
Limit TWA lower: 0.5
Limit TWA upper: 100
ü
Time-Weighted Average: TWA for chemical exposure can be
used when each of the chemical concentration and time for
exposure varies over time. It conveys the average exposure
to a contaminant to which workers may be exposed without
adverse effect over a period of time such as an 8-hour day or
40-hour week (an average work shift). The measurement is
expressed in units of ppm
The recalibration alarm will be triggered when either the countdown or the accuracy threshold are reached (whichever is triggered first).
Countdown timer
(Cal due days)
180 days
ü
The alarm will be flagged when the countdown reaches 0. The
countdown restarts when the sensor is calibrated
Accuracy
threshold
±20%
±10% to ±50%
ü
The predictive calibration estimation will depend on the
accuracy of the sensor (this parameter can be configured by
the user). The tighter the accuracy value, the more frequent
calibration needed. The sensor will request a recalibration when
the default accuracy(±20% of measuring value) is reached
The EoL alarm will be triggered when either the countdown or the future prediction algorithm conditions are met
Future prediction
algorithm
û
The algorithm triggers an alarm when the sensitivity < 50% of
original sensitivity at minimum recent temperature
Countdown timer
1825 days
û
The countdown timer is set for 1825 days, i.e. 5 years
Active by default
ü
ü
With the deadband enabled the sensor will read zero until the
concentration exceeds the deadband value. Is normally used
to prevent measurement oscillations. This function can be
configured to different limits
Incoming
0.1 ppm
Whole measurement range
ü
Incoming: As the reading decays down it will read zero once it
has fallen below the incoming threshold
Outgoing
0.2 ppm
Incoming < Outgoing
ü
Outgoing: As the reading increases it will read zero until it
exceeds the outgoing threshold
1 day
ü
A bump test is a brief exposure of the sensor to the target
gas. The test has the objective of verifying that the sensor
responds and the instrument acts accordingly. The sensor will
tell the user when the bump interval has been exceeded.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com