Electronic Components Datasheet Search
  English  ▼

X  

AC400-R00D-CIT Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # AC400-R00D-CIT
Description  Hydrogen Sulfide (H2S) Intelligent Series Gas Sensor (iseries)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AC400-R00D-CIT Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  AC400-R00D-CIT Datasheet HTML 1Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 2Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 3Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 4Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DOCUMENT PURPOSE
The purpose of this document is to
present the performance specification of
the intelligent iH
2S hydrogen sulfide gas
sensor. This document should be used
in conjunction with the Product Safety
Datasheet (PSDS 5). For guidance on the
safe use of the sensor, please refer to the
Communication Protocol (SDCS) and
Sensor Mounting Application Note.
iH2S
GASSENSOR
Hydrogen Sulfide (H
2S) Intelligent Series Gas Sensor (iseries)
002706
Issue 5
Hydrogen Sulfide (H
2S)
Sensor:
iH2S
Part Number: AC400-R00D-CIT
PORTFOLIO
Compact, digital and
intelligent gas sensors, iseries
sensors are precalibrated,
interchangeable and feature digital
traceability. These sensors are rated
for longer life and are designed to
operate in extreme environmental
conditions.
FEATURES AND BENEFITS
UART
Digital interface –
The sensor has a
UART protocol to
communicate with
the instrument with
chip select option
as described in the
Communication
Protocol (SDCS)
Interchangeable –
All intelligent
sensors have the
same dimensions
and communication
protocol. All sensors
in the range will work
with a supply voltage
from 3.1 V to 3.3 V
Digital traceability –
Sensors contain
the following data:
serial number,
manufacturing
date, and gas type
for quick and easy
identification of the
sensor
Pre-calibrated –
Sensors will be
calibrated during
manufacturing and
calibration data is
written in the sensor.
Sensor will output
gas concentration
when interrogated by
instrument
OEM lock – Sensors have two levels
of lock codes. The first one is an OEM
specific code programmed in during
manufacture and cannot be modified.
This lock code is provided by the OEM.
Instrument can check if the sensor has the
unique code – if not the instrument can
refuse the sensor. The second level of lock
code is left blank and can be updated by
OEM/Partners during sensor integration
into the instrument as needed
Predictive
calibration – Sensors
can predict in advance
when its accuracy is
becoming too poor
to give a reliable,
accurate reading
(advanced warning of
when recalibration is
needed).
End-of-life
indication – Sensors
can predict in advance
when its sensitivity is
falling too low to give
a reliable, accurate
reading (advanced
warning for sensor
replacement).
Fault indication –
Intelligent sensors
can detect
several internal
faults like drift/
fault in reference
electrode, electrolyte
concentration out
of range, counter
electrode fault;
therefore notifying
the user to take
corrective actions
Compact form
factor
Five-year life
RoHS compliant
Designed to meet global performance
standards
ATEX and IEC Ex Certified per
EN IEC 60079-0 and EN IEC 60079-11
Designed to meet performance
standards: BS EN 45544-1,
AS/NZS 4641 and ANSI/ISA 92.00.01
2 YEAR WARRANTY
(24 months from date of despatch)


Similar Part No. - AC400-R00D-CIT

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AC4000 TP-LINK-AC4000 Datasheet
1Mb / 9P
MU-MIMO Tri-Band Wi-Fi Router
More results

Similar Description - AC400-R00D-CIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
SPECIAL SENSOR FOR HYDROGEN GAS
logo
Lightel Technologies IN...
LTL-H2-500 LIGHTEL-LTL-H2-500 Datasheet
182Kb / 2P
Hydrogen Gas Generator
logo
Figaro Engineering Inc.
FECS50-100 FIGARO-FECS50-100 Datasheet
382Kb / 2P
Detection of Hydrogen Sulfide
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
Special Sensor for Hydrogen Gas
logo
Zhengzhou Winsen Electr...
MH-741A WINSEN-MH-741A Datasheet
624Kb / 8P
Intelligent Infrared Methane Gas Sensor
ME4-H2 WINSEN-ME4-H2 Datasheet
468Kb / 6P
Hydrogen Gas Sensor
MQ136 WINSEN-MQ136 Datasheet
558Kb / 6P
Hydrogen Sulfide Gas Sensor
GM-602B WINSEN-GM-602B Datasheet
834Kb / 7P
MEMS Hydrogen Sulfide/H2S Gas Sensor
ME3-H2S WINSEN-ME3-H2S Datasheet
438Kb / 5P
Electrochemical Hydrogen Sulfide Gas Sensor
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
Hydrogen Sulfide Gas Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com