Electronic Components Datasheet Search
  English  ▼

X  

AC400-R00D-CIT Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # AC400-R00D-CIT
Description  Hydrogen Sulfide (H2S) Intelligent Series Gas Sensor (iseries)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AC400-R00D-CIT Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  AC400-R00D-CIT Datasheet HTML 1Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 2Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 3Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 4Page - Honeywell Solid State Electronics Center AC400-R00D-CIT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
INTELLIGENT SERIES GAS SENSORS (iSERIES)
iH2S SERIES
iH2S Series Gas Sensor Datasheet | sps.honeywell.com/ast |
4
TABLE 5. INTRINSIC SAFETY CERTIFICATIONS
Intrinsic Safety
Entity Parameters
Ui = 5.88 V, Ii = 1.1 A, Pi = 1.2 W, Ci = 13.14 uF, Li = 0 uH
Intrinsic Safety
Rating
IIC T4, ia, 60°C
ATEX Marking
I M1
II 1G
Ex ia I Ma
Ex ia IIC Ga
Poisoning
Gas sensors are designed for operation in a wide range of environments and harsh
conditions. However, it is important that exposure to high concentrations of solvent
vapours is avoided, both during storage, fitting into instruments, and operation. When
using sensors with printed circuit boards (PCBs), degreasing agents should be used
before the sensor is fitted.
Do not glue directly on or near the sensor as the solvent may cause crazing of the
plastic.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com