Electronic Components Datasheet Search
  English  ▼

X  

L192 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # L192
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L192 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  L192 Datasheet HTML 1Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 2Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 3Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 4Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 5Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2 sensing.honeywell.com
What makes our switches better?
NEMA 3, 3R, 4, 13 and IP67/68 environmental sealing for
demanding applications
UL recognized, CSA certified, and CE certified for global use
1-, 2-, and 4-pole options to meet a variety of circuitry
requirements
2- or 3-position maintained and momentary action to meet
circuit and actuator requirements
Optional step-case design provides added space between
terminals to prevent shorting
MICRO SWITCH™ NT Series
Commercial-Grade Toggle Switches
Honeywell MICRO SWITCH™ NT Series toggle switches meet the need for a rugged, cost-effective toggle switch.
Quality construction features include a seal between the toggle lever and bushing, and between the cover and case.
These switches are suitable for applications in many demanding outdoor environments, where the panels are sub-
jected to vibration from equipment, temperature extremes, dust, splashing water, and/or hose directed water.
They are capable of withstanding exposure to heavy accumulations of early morning dew that may condense on the
control panel in cabs of vehicles left outdoors overnight. The NT toggle switches with larger standard metal or plastic
levers are well suited for gloved-hand operation.
Available in both step-base and flat-base styles, the NT Series offers three popular styles of termination: 6-32 screws,
solder lugs with 3,0 mm [0.12 in] diameter hole, or 6,35 mm [0.25 in] quick connect terminals.
The optional “Easy Start” threaded bushing enables quick alignment of the mounting nut to minimize any cross
threading. The panel stand-off with O-ring feature available on some listings eliminates the need for behind-the-panel
hardware, provides a uniform panel height, and a panel-to-cover seal.
ENVIRONMENTAL SEALING • GLOBAL APPROVALS
MULTI-CIRCUITS • HIGH PERFORMANCE
Tough environmental sealing
makes harsh environments seem
like just another sunny day.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com