Electronic Components Datasheet Search
  English  ▼

X  

L192 Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # L192
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L192 Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button L192 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 11Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 12Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 13Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 14Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 15Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
sensing.honeywell.com
MICRO SWITCH™ Commercial-Grade Toggle Switches
STEP BASE • STANDARD ACTUATOR OPTIONS, TERMINALS, & DIMENSIONS
Note: Three-position switches shown
1NT1: Single pole, standard lever,
screw terminals
1NT91: Single pole, standard lever,
quick-connect terminals
11NT1: Single pole, standard lever,
solder terminals
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS 2A thread
to within 1,52 mm
[0.060 in] of shoulder
Sealed to prevent entrance
of liquids or dust
17,0 mm [0.67 in]
11,9 mm
[0.47 in]
6,1 mm [0.24 in]
29,5 mm
[1.16 in]
23,1 mm
[0.91 in]
3X 6-32 UNC-2A X (0.260)
binding head terminal
screw and lockwasher
(sems)
28,4 mm
[1.12 in]
4,8 mm
[0.19 in]
15,7 mm [0.62 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS 2A
thread to within 1,52 mm
[0.060 in] of shoulder
Sealed to prevent
entrance of
liquids or dust
17,0 mm [0.67 in]
11,9 mm
[0.47 in]
6,1 mm [0.24 in]
23,1 mm
[0.91 in]
28,4 mm
[1.12 in]
4,8 mm
[0.19 in]
15,7 mm [0.62 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
3X 0.250 in QC terminal
41,99 mm ±0,76 mm
[1.653 in ±0.030 in]
10,9 mm
[0.43 in]
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS 2A thread
to within 1,52 mm [0.060 in]
of shoulder
Sealed to prevent entrance
of liquids or dust
17,0 mm [0.67 in]
11,9 mm
[0.47 in]
6,1 mm [0.24 in]
29,5 mm
[1.16 in]
23,1 mm
[0.91 in]
3X 8,51 mm ±0,38 mm
[3X 0.335 in ±0.015 in]
28,4 mm
[1.12 in]
4,8 mm
[0.19 in]
15,7 mm [0.62 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
3X Ø 5,33 mm ±0,64 mm
[3X Ø 0.210 in ±0.025 in]
Locking lever dimensions for
single pole NT toggles
26,67 mm
[1.05 in]
Ø 10,67 mm
[Ø 0.42 in]
31° ±7°
total travel
15° ±3°
2,28 mm
[0.090 in]
approx. pullout
to change
position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com