Electronic Components Datasheet Search
  English  ▼

X  

L192 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # L192
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L192 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button L192 Datasheet HTML 2Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 3Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 4Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 5Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6 sensing.honeywell.com
NT Series
TERMINAL CIRCUIT IDENTIFICATION
Terminal identifications are referred to in the order guides to indi-
cate which circuits are made in each toggle position (i.e., 1-2 refers
to circuit closure through terminals 1 and 2).
NOTE: Keyside is on #3 terminal side.
Step Base - One Pole
Step Base - Two Pole
Step Base - Four Pole
Flat Base - One Pole
Flat Base - Two Pole
SPECIAL CIRCUITRIES
Catalog listings with -10, -50, and -70 suffix numbers, as shown
in the order guides, have special “on-on-on” circuits, as illus-
trated below. NTs with -12 suffix are the same as -50 except the
keyway position is maintained, and the center position circuits
2-3 and 4-5 are made.
-10 CIRCUITRY
No of
poles
Keyway Side
Maint. Position
Center Maint.
Position
Opposite
Keyway Maint.
Position
2
4
-50 CIRCUITRY
No of
poles
Keyway Side
Maint. Position
Center Maint.
Position
Opposite
Keyway Maint.
Position
2
4
-70 CIRCUITRY
No of
poles
Keyway Side
Maint. Position
Center Maint.
Position
Opposite
Keyway Maint.
Position
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com