Electronic Components Datasheet Search
  English  ▼

X  

L192 Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # L192
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L192 Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button L192 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 11Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 12Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 13Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 14Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 15Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 16Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12 sensing.honeywell.com
NT Series
STEP BASE • STANDARD ACTUATOR OPTIONS, TERMINALS, & DIMENSIONS
Note: Three-position switches shown
2NT1: Double pole, standard lever,
screw terminals
2NT91: Double pole, standard lever,
quick-connect terminals
12NT1: Double pole, standard lever,
solder terminals
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
10,9 mm
[0.43 in]
34° ±8° total travel
Ø 6,09 mm [Ø 0.24 in]
17° ±4°
Sealed to prevent
entrance of
liquids or dust
15/32 - 32 UNS 2A
thread to within
1,52 mm [0.060 in]
of shoulder
17,0 mm [0.67 in]
11,9 mm
[0.47 in] 6,1 mm [0.24 in]
34,29 mm
[1.35 in]
3,3 mm min.
[0.130 in min.]
27,94 mm
[1.10 in]
3,3 mm min.
[0.130 in min.]
6,6 mm
[0.26 in]
22,6 mm
[0.89 in]
9,7 mm
[0.38 in]
33,53 mm
[1.32 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
7,1 mm
[0.28 in]
6X 6-32
UNC-2A x (0.260)
binding head terminal
screw and lockwsher
(sems)
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
10,9 mm
[0.43 in]
17,0 mm [0.67 in]
11,9 mm
[0.47 in] 6,1 mm [0.24 in]
Sealed to prevent
entrance of
liquids or dust
34° ±8° total travel
Ø 6,09 mm [Ø 0.24 in]
17° ±4°
15/32 - 32 UNS 2A
thread to within
1,52 mm [0.060 in]
of shoulder
11,18 mm
[0.44 in]
6X 0.250 in wide
QC terminal
41,99 mm ±0,76 mm
[1.653 in ±0.030 in]
27,94 mm
[1.10 in]
3,3 mm min.
[0.130 in min.]
33,53 mm
[1.32 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
7,1 mm
[0.28 in]
9,7 mm
[0.38 in]
6,6 mm
[0.26 in]
22,6 mm
[0.89 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
10,9 mm
[0.43 in]
34° ±8° total travel
Ø 6,09 mm [Ø 0.24 in]
17° ±4°
15/32 - 32 UNS 2A
thread to within
0.060 in of shoulder
17,0 mm [0.67 in]
Sealed to prevent
entrance of
liquids or dust
11,9 mm
[0.47 in]
6,1 mm [0.24 in]
27,94 mm
[1.10 in]
3,3 mm min.
[0.130 in min.]
2X 39,24 mm ±0,76 mm
[2X 1.545 in ±0.030 in]
6X 8,5 mm ±0,76 mm
[6X 0.335 in ±0.030 in]
6X 5,33 mm ±0,635 mm
[6X Ø 0.210 in ±0.025 in]
6,6 mm
[0.26 in]
22,6 mm
[0.89 in]
9,7 mm
[0.38 in]
33,53 mm
[1.32 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
7,1 mm
[0.28 in]
Locking lever dimensions for
double pole NT toggles
26,67 mm
[1.05 in]
Ø 10,67 mm
[Ø 0.42 in]
34° ±8°
total travel
17° ±4°
2,28 mm
[0.090 in]
approx. pullout
to change
position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com