Electronic Components Datasheet Search
  English  ▼

X  

L192 Datasheet(PDF) 16 Page - Honeywell Solid State Electronics Center

Part # L192
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L192 Datasheet(HTML) 16 Page - Honeywell Solid State Electronics Center

Back Button L192 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 11Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 12Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 13Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 14Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 15Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 16Page - Honeywell Solid State Electronics Center L192 Datasheet HTML 17Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16 sensing.honeywell.com
NT Series
MICRO SWITCH™ NT SERIES LOCKING CONFIGURATIONS
PULL-TO-UNLOCK LEVERS
Pull-to-unlock toggle levers prevent accidental toggle movement. The knobbed toggle lever must be pulled out approximately 2,3 mm
[0.09 in] to change positions. Thirteen different locking configurations are available. This lever style also has a non-glare matte nickel
finish. See table below for specific locking configurations.
MICRO SWITCH™ NT SERIES PANEL CUTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com