Electronic Components Datasheet Search
  English  ▼

X  

TPS2359RHHT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2359RHHT
Description  TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2359RHHT Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS2359RHHT Datasheet HTML 35Page - Texas Instruments TPS2359RHHT Datasheet HTML 36Page - Texas Instruments TPS2359RHHT Datasheet HTML 37Page - Texas Instruments TPS2359RHHT Datasheet HTML 38Page - Texas Instruments TPS2359RHHT Datasheet HTML 39Page - Texas Instruments TPS2359RHHT Datasheet HTML 40Page - Texas Instruments TPS2359RHHT Datasheet HTML 41Page - Texas Instruments TPS2359RHHT Datasheet HTML 42Page - Texas Instruments TPS2359RHHT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Internal Bleed-Down Resistors and Bleed-Down Thresholds
Fault Timer Programming
12
0 01
fault
IN
x
CL
P
.
V
I
»
×
(8)
TPS2359
www.ti.com ................................................................................................................................................... SLUS792D – FEBRUARY 2008 – REVISED JUNE 2008
The TPS2359 includes two features intended to support downstream loads that require removal and
reapplication of power to properly reset their internal circuitry. Disabling and re-enabling a channel of the
TPS2359 will not necessarily reset such a load because the capacitance attached to the output bus may not fully
discharge.
The TPS2359 includes four bleed down comparators that monitor the output rails through pins OUT12A,
OUT12B, OUT3A, and OUT3B. The I2C interface includes four bits that enable these comparators — 3ADS,
3BDS, 12ADS, and 12BDS. Enabling a bleed down comparator prevents its corresponding channel from turning
on until the output voltage drops below about 100 mV. This precaution ensures that the output rail drops so low
that all downstream loads properly reset.
In case the downstream load cannot quickly bleed off charge from the output capacitance, the TPS2359 also
includes bleed down resistors connected to each output rail through pins OUT12A, OUT12B, OUT3A, and
OUT3B. Internal switches connect these resistors from their corresponding rails to ground when the channels are
disabled, providing that one sets the appropriate bits in the I2C interface. These bits are named 12AUV, 12BUV,
3AUV, and 3BUV. Clearing these bits ensures that the corresponding resistors never connect to their buses.
If redundant supplies connect to an output, then one should clear the corresponding bleed-down threshold and
bleed-down resistor bits. Failing to clear the bleed-down threshold bit will prevent the channel from enabling so
long as the redundant supply continues to hold up the output rail. Failing to clear the bleed-down resistor bit will
cause current to continually flow through the resistor when the TPS2359 is disabled and the redundant supply
holds up the output bus.
Each of the TPS2359's four channels includes a fault timer. This timer begins operating whenever the channel
enters current limit. If the channel remains in current limit so long that the fault timer runs out, then the channel
turns off the pass FET and reports a fault condition by means of the xFLT bit in the I2C interface.
The four fault timers are independently programmable from 0.5 to 16 ms in steps of 0.5 ms using the appropriate
xFT bits. A code of xFT = 00001B corresponds to the minimum programmable time of 0.5 ms. The code xFT =
00000B corresponds to an extremely short time interval of no practical use.
The locations of the fault timer programming bits are:
Table 16. Fault Time Control Bits
REGISTER [bit]
CHANNEL
8 ms
4 ms
2 ms
1 ms
0.5 ms
12A
R1[4]
R1[3]
R1[2]
R1[1]
R1[0]
12B
R4[4]
R4[3]
R4[2]
R4[1]
R4[0]
3A
R2[4]
R2[3]
R2[2]
R2[1]
R2[0]
3B
R5[4]
R5[3]
R5[2]
R5[1]
R5[0]
The user should select the shortest fault times sufficient to allow down-stream loads and bulk capacitors to
charge. Shorter fault times reduce the stresses imposed on the pass FETs under fault conditions. This
consideration may allow the use of smaller and less expensive pass FETs for the 12-V channels.
The TPS2359 supports two modes of fault timer operation. Clearing the FLTMODE bit causes a channel to latch
off whenever its fault timer runs out. The channel remains off until it has been disabled and re-enabled (see
Enable Functions section). The TPS2359 operates in this manner by default. Setting the FLTMODE bit causes a
faulted channel to automatically attempt to turn back on after a delay roughly one hundred times the fault time.
This process repeats until either the fault disappears or the user disables the channel. The pass FET for a 12-V
channel with a shorted output must therefore continuously dissipate
where VIN12x equals the voltage present at the input of the 12-V channel and ICL equals the current limit setting
for this channel (the inrush current if 12VNRS is set).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TPS2359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com