Electronic Components Datasheet Search
  English  ▼

X  

TPS2359RHHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2359RHHT
Description  TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2359RHHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2359RHHT Datasheet HTML 3Page - Texas Instruments TPS2359RHHT Datasheet HTML 4Page - Texas Instruments TPS2359RHHT Datasheet HTML 5Page - Texas Instruments TPS2359RHHT Datasheet HTML 6Page - Texas Instruments TPS2359RHHT Datasheet HTML 7Page - Texas Instruments TPS2359RHHT Datasheet HTML 8Page - Texas Instruments TPS2359RHHT Datasheet HTML 9Page - Texas Instruments TPS2359RHHT Datasheet HTML 10Page - Texas Instruments TPS2359RHHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
+
+
+
0.1 W
30 mv
vthoc - [ 675 mv nominal ]
Fault
Timer
vcpx
R
SUM
3300
FLT to I2C
10 mv
-3 mv
S
Q
Q
R
PG to I2C
OUT3x
IN3x
OUT3x
30 mA
245 W
Q
Pump
vcpx
~25 v
VDD3x
30 us
2.8 V
gat
EN3x
gat
en
en
30 us
12dis
Control
from I2C
SUM3x
Selector
IN12A
en
VINT
IN12B
IN3A
IN3B
OUT12A
OUT12B
OUT3A
OUT3B
PREREG
Trim
NVM
SDA
AGND
GNDA
2.2V
POR
por
GNDB
I2C
SCL
A0-2
IRPT\
TPS2359
www.ti.com ................................................................................................................................................... SLUS792D – FEBRUARY 2008 – REVISED JUNE 2008
Management Power Channel (two channels per device)
Common Circuitry
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com