Electronic Components Datasheet Search
  English  ▼

X  

TPS2359RHHT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2359RHHT
Description  TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2359RHHT Datasheet(HTML) 3 Page - Texas Instruments

  TPS2359RHHT Datasheet HTML 1Page - Texas Instruments TPS2359RHHT Datasheet HTML 2Page - Texas Instruments TPS2359RHHT Datasheet HTML 3Page - Texas Instruments TPS2359RHHT Datasheet HTML 4Page - Texas Instruments TPS2359RHHT Datasheet HTML 5Page - Texas Instruments TPS2359RHHT Datasheet HTML 6Page - Texas Instruments TPS2359RHHT Datasheet HTML 7Page - Texas Instruments TPS2359RHHT Datasheet HTML 8Page - Texas Instruments TPS2359RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
ELECTRICAL CHARACTERISTICS
(1)
TPS2359
www.ti.com ................................................................................................................................................... SLUS792D – FEBRUARY 2008 – REVISED JUNE 2008
IN3A = IN3B = VDD3A = VDD3B = 3.3 V. IN12A = IN12B = SENPA = SENPB = SENMA = SENMB = SETPA = SETPB = 12
V. EN3A = EN3B = AGND = GNDA = GNDB = 0 V. SUM12A = SUM12B = 6.8 k
Ω to ground. SUM3A = SUM3B = 3.3 kΩ to
ground. All other pins open. All I2C bits at default values. Over free air temperature operating range and all voltages
referenced to AGND, unless otherwise noted. over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE Inputs
Threshold voltage, falling edge
1.2
1.3
1.4
V
Hysteresis(2)
20
50
80
mV
Pullup current2
EN3x = 0 V
5
8
15
µA
Input bias current
EN3x = 5 V
1
5
3.3-V turn off time
EN3x deasserts to VOUT3x < 1.0 V, COUT = 0 µF
10
µs
EN3x deasserts to VOUT12x < 1.0 V, COUT = 0 µF,
12-V turn off time
20
QGATE = 35 nF
VINT
Output voltage
0 < IVINT < 50 µA
2
2.3
2.8
V
Power GOOD Comparators
12xPG, falling OUT12x
10.2
10.5
10.8
Threshold voltage
V
3xPG, falling OUT3x
2.7
2.8
2.9
12xPG, measured at OUT12x
130
Hysteresis
mV
3xPG, measured at OUT3x
50
Fault Timer
Minimum fault time
3xFT[4:0] = 12xFT[4:0] = 00001B
1
ms
Fault time bit weight
0.5
Timer duty cycle
= (fault time) / (retry period)
1.4%
1.5%
1.6%
12-V Summing node
VSENMx = 10.8 – 13.2 V, VSENPx = VSENMx + 50
Input referred offset
–2
2
mV
mV, measure VSETx – VSENMx
Summing threshold
12xCL[3:0] = 1111B, VPASSx = 15 V
0.66
0.675
0.69
V
Leakage current
VSETx = VSENMx – 10 mV
1
µA
12-V Current limit
RSUMx = 6.8 kΩ, RSETx = 422 Ω, increase ILOADx
Current limit threshold
and measure VSENPx – VSENMx when VPASSx = 15
47.5
50
52.5
mV
V
Sink current in current limit
VSUMx = 1 V, VPASSx = 12 V, measure IPASSx
20
40
µA
Fast trip threshold
Measure VSENPx – VSENMx
80
100
120
mV
Fast turn-off delay(2)
20-mV overdrive, CPASSx = 0 pF, tp50-50
200
300
ns
Bleed down resistance
VOUT = 6 V
1.1
1.6
2.1
k
Ω
Bleed down threshold
75
100
130
mV
Timer start threshold
VPASSx – VINx when fault timer starts
5
6
7
V
(1)
When setting an address bit to a logic 1 the pin should be connected to VINT.
(2)
Not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com