Electronic Components Datasheet Search
  English  ▼

X  

TPS2359RHHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2359RHHT
Description  TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2359RHHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2359RHHT Datasheet HTML 17Page - Texas Instruments TPS2359RHHT Datasheet HTML 18Page - Texas Instruments TPS2359RHHT Datasheet HTML 19Page - Texas Instruments TPS2359RHHT Datasheet HTML 20Page - Texas Instruments TPS2359RHHT Datasheet HTML 21Page - Texas Instruments TPS2359RHHT Datasheet HTML 22Page - Texas Instruments TPS2359RHHT Datasheet HTML 23Page - Texas Instruments TPS2359RHHT Datasheet HTML 24Page - Texas Instruments TPS2359RHHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Register 2
TPS2359
www.ti.com ................................................................................................................................................... SLUS792D – FEBRUARY 2008 – REVISED JUNE 2008
Table 5. Register 2: Channel 3A Configuration (Read/write)
BIT
NAME
DEFAULT
DESCRIPTION
0
3AFT0
1
Setting bit increases 3A fault time by 0.5 ms.
1
3AFT1
0
Setting bit increases 3A fault time by 1 ms.
2
3AFT2
0
Setting bit increases 3A fault time by 2 ms.
3
3AFT3
0
Setting bit increases 3A fault time by 4 ms.
4
3AFT4
0
Setting bit increases 3A fault time by 8 ms.
5
3AEN
0
Clearing bit disables 3A.
6
3AUV
0
Setting bit prevents enabling unless OUT3A < bleed down threshold.
7
3ADS
0
Clearing bit disconnects OUT3A bleed down resistor.
3AFT[4:0] These five bits adjust the 3A channel fault time. The least-significant bit has a nominal weight of 0.5
ms, so fault times ranging from 0.5 ms (for code 00001B) to 15.5 ms (for code 11111B) can be programmed. In
general the shortest fault time that fully charges downstream bulk capacitors without generating a fault should be
used. See Setting Fault Time section.
3AEN This bit serves as a master enable for channel 3A. Setting this bit allows the 3A channel to operate
normally, provided the EN3A pin is also asserted. Clearing this bit disables the channel by removing gate drive to
the internal pass FET, regardless of the state of the EN3A pin.
3AUV Setting this bit prevents channel 3A from turning on until OUT3A falls below the bleed down threshold of
100 mV. This feature ensures that downstream devices reset by requiring their supply voltage to fall to nearly
zero before the channel can enable them.
3ADS Clearing this bit disconnects the bleed down resistor that otherwise connects from OUT3A to ground.
Systems using redundant power supplies should clear 3ADS to prevent the bleed down resistor from
continuously sinking current.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com