Electronic Components Datasheet Search
  English  ▼

X  

TPS2359RHHT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2359RHHT
Description  TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2359RHHT Datasheet(HTML) 2 Page - Texas Instruments

  TPS2359RHHT Datasheet HTML 1Page - Texas Instruments TPS2359RHHT Datasheet HTML 2Page - Texas Instruments TPS2359RHHT Datasheet HTML 3Page - Texas Instruments TPS2359RHHT Datasheet HTML 4Page - Texas Instruments TPS2359RHHT Datasheet HTML 5Page - Texas Instruments TPS2359RHHT Datasheet HTML 6Page - Texas Instruments TPS2359RHHT Datasheet HTML 7Page - Texas Instruments TPS2359RHHT Datasheet HTML 8Page - Texas Instruments TPS2359RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS2359
SLUS792D – FEBRUARY 2008 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
ORDERING INFORMATION (1)
DEVICE
TEMPERATURE
PACKAGE(2)
ORDERING INFORMATION
TPS2359
-40°C to 85°C
QFN36
TPS2359RHH
(1)
Add an R suffix to the device type for tape and reel.
(2)
For the most current package and ordering information see the Package Option Addendum at the end of this document or see the TI
Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
VALUE
UNIT
PASSx, BLKx
0 to 30
IN12x; OUT12x; SENPx; SENMx; SETx; IRPT
0 to 17
IN3x; OUT3x; EN3x; VDDx; SUMx; SDA, SCL
0 to 5
V
AGND, GNDx
-0.3 to 0.3
A0, A1, A2
0 to VINT
SUMx
5
VINT
-1 to 1
mA
OUT3x
Internally limited
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device under any conditions beyond those indicated under recommended operating conditions is
neither implied nor guaranteed. Exposure to absolute maximum rated conditions for extended periods of time may affect device
reliability.
TEST METHOD
MIN
UNITS
Human Body Model (HBM)
2
kV
Charged Device model (CDM)
0.5
PACKAGE
θJA - High-k (°C/W)
36 QFN
35
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
VIN12x
Payload power input voltage
8.5
12
15
VIN3x
Management power input voltage
3
3.3
4
V
VVDD3x,3
Management power supply voltage
3
3.3
4
IOUT3x
Management power output current
165
mA
ISUMx
Summing pin current
100
1000
µA
PASSx pin board leakage current
-1
1
VINT bypass capacitance
1
10
250
nF
TJ
Operating junction temperature range
-40
125
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com