Electronic Components Datasheet Search
  English  ▼

X  

SN75107ADE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75107ADE4
Description  DUAL LINE RECEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75107ADE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75107ADE4 Datasheet HTML 7Page - Texas Instruments SN75107ADE4 Datasheet HTML 8Page - Texas Instruments SN75107ADE4 Datasheet HTML 9Page - Texas Instruments SN75107ADE4 Datasheet HTML 10Page - Texas Instruments SN75107ADE4 Datasheet HTML 11Page - Texas Instruments SN75107ADE4 Datasheet HTML 12Page - Texas Instruments SN75107ADE4 Datasheet HTML 13Page - Texas Instruments SN75107ADE4 Datasheet HTML 14Page - Texas Instruments SN75107ADE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
C
RT
RT
RT
RT
Drivers
SN55110A, SN75110A,
SN75112
Receiver 1
Receiver 2
Receiver 4
Driver 1
Driver 3
Driver 4
Location 1
Location 3
Location 4
Strobes
Receivers
‘107A, SN75107B,
SN75108A
Location 2
Data
Input
Inhibit
A
B
C
D
A
BB
A
C
DD
YY
Y
Strobes
Strobes
Figure 12. Typical Differential Party Line
unbalanced or single-line systems
These dual line circuits also can be used in unbalanced or single-line systems. Although these systems do not
offer the same performance as balanced systems for long lines, they are adequate for very short lines where
environmental noise is not severe.
The receiver threshold level is established by applying a dc reference voltage to one receiver input terminal.
The signal from the transmission line is applied to the remaining input. The reference voltage should be
optimized so that signal swing is symmetrical about it for maximum noise margin. The reference voltage should
be in the range of – 3 V to 3 V. It can be provided by a voltage supply or by a voltage divider from an available
supply voltage.
A single-ended output from a driver can be used in single-line systems. Coaxial or shielded line is preferred for
minimum noise and crosstalk problems. For large signal swings, the high output current (typically 27 mA) of the
SN75112 is recommended. Drivers can be paralleled for higher current. When using only one channel of the
line drivers, the other channel should be inhibited and/or have its outputs grounded.
Input
Vref
Input
Inhibit
SN55110A, SN75110A, SN75112
A
B
C
D
Output
VO = – IO • R
R
‘107A, SN75107B, SN75108A
Strobes
Output
Figure 13. Single-Ended Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com