Electronic Components Datasheet Search
  English  ▼

X  

SN75107ADE4 Datasheet(PDF) 17 Page - Texas Instruments

Part # SN75107ADE4
Description  DUAL LINE RECEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75107ADE4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN75107ADE4 Datasheet HTML 13Page - Texas Instruments SN75107ADE4 Datasheet HTML 14Page - Texas Instruments SN75107ADE4 Datasheet HTML 15Page - Texas Instruments SN75107ADE4 Datasheet HTML 16Page - Texas Instruments SN75107ADE4 Datasheet HTML 17Page - Texas Instruments SN75107ADE4 Datasheet HTML 18Page - Texas Instruments SN75107ADE4 Datasheet HTML 19Page - Texas Instruments SN75107ADE4 Datasheet HTML 20Page - Texas Instruments SN75107ADE4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
window detector
The window detector circuit in Figure 21 has a large number of applications in test equipment and in determining
upper limits, lower limits, or both at the same time, such as detecting whether a voltage or signal has exceeded
its window limits. Illumination of the upper-limit (lower-limit) indicator shows that the input voltage is above
(below) the selected upper (lower) limit. A mode selector is provided for selecting the desired test. For window
detecting, the upper-and-lower-limits test position is used.
Mode
Selector
1
2
3
4
500
Ω
500
Ω
5 V – 5 V
1 k
Ω
1 k
Ω
Set
Upper
Limit
Set
Lower
Limit
5 k
Ω
1 k
Ω
Upper-Limit
Indicator
Lower-Limit
Indicator
MODE SELECTOR LEGEND
POSITION
CONDITION
1Off
2
Test for Upper Limit
3
Test for Lower Limit
4
Test for Upper and Lower Limits
5 V
Input From
Test Point
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
Figure 21. Window Detector Using SN75108A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com