Electronic Components Datasheet Search
  English  ▼

X  

SN75107ADE4 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN75107ADE4
Description  DUAL LINE RECEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75107ADE4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN75107ADE4 Datasheet HTML 8Page - Texas Instruments SN75107ADE4 Datasheet HTML 9Page - Texas Instruments SN75107ADE4 Datasheet HTML 10Page - Texas Instruments SN75107ADE4 Datasheet HTML 11Page - Texas Instruments SN75107ADE4 Datasheet HTML 12Page - Texas Instruments SN75107ADE4 Datasheet HTML 13Page - Texas Instruments SN75107ADE4 Datasheet HTML 14Page - Texas Instruments SN75107ADE4 Datasheet HTML 15Page - Texas Instruments SN75107ADE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
SN75108A dot-AND output connections
The SN75108A line receiver features an open-collector-output circuit that can be connected in the dot-AND
logic configuration with other similar open-collector outputs. This allows a level of logic to be implemented
without additional logic delay.
Output
SN75108A
SN75108A
SN5401/SN7401 or
Equivalent
Dot-AND
Connection
Figure 14. Dot-AND Connection
increasing common-mode input voltage range of receiver
The common-mode voltage range (CMVR) is defined as the range of voltage applied simultaneously to both
input terminals that, if exceeded, does not allow normal operation of the receiver.
The recommended operating CMVR is
±3 V, making it useful in all but the noisiest environments. In extremely
noisy environments, common-mode voltage can easily reach
±10 V to ±15 V if some precautions are not taken
to reduce ground and power supply noise, as well as crosstalk problems. When the receiver must operate in
such conditions, input attenuators should be used to decrease the system common-mode noise to a tolerable
level at the receiver inputs. Differential noise is also reduced by the same ratio. These attenuators were omitted
intentionally from the receiver input terminals so the designer can select resistors that are compatible with his
particular application or environment. Furthermore, the use of attenuators adversely affects the input sensitivity,
the propagation delay time, the power dissipation, and in some cases (depending on the selected resistor
values) the input impedance; thereby reducing the versatility of the receiver.
The ability of the receiver to operate with approximately
±15 V common-mode voltage at the inputs has been
checked using the circuit shown in Figure 15. Resistors R1 and R2 provide a voltage-divider network. Dividers
with three different values presenting a 5-to-1 attenuation were used to operate the differential inputs at
approximately
±3 V common-mode voltage. Careful matching of the two attenuators is needed to balance the
overdrive at the input stage. The resistors used are shown in Table 1.
Table 1
Attenuator 1:
R1 = 2 k
Ω,
R2 = 0.5 k
Ω
Attenuator 2:
R1 = 6 k
Ω,
R2 = 1.5 k
Ω
Attenuator 3:
R1 = 12 k
Ω,
R2 = 3 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com