Electronic Components Datasheet Search
  English  ▼

X  

SN75107ADE4 Datasheet(PDF) 16 Page - Texas Instruments

Part # SN75107ADE4
Description  DUAL LINE RECEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75107ADE4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN75107ADE4 Datasheet HTML 12Page - Texas Instruments SN75107ADE4 Datasheet HTML 13Page - Texas Instruments SN75107ADE4 Datasheet HTML 14Page - Texas Instruments SN75107ADE4 Datasheet HTML 15Page - Texas Instruments SN75107ADE4 Datasheet HTML 16Page - Texas Instruments SN75107ADE4 Datasheet HTML 17Page - Texas Instruments SN75107ADE4 Datasheet HTML 18Page - Texas Instruments SN75107ADE4 Datasheet HTML 19Page - Texas Instruments SN75107ADE4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
repeaters for long lines
In some cases, the driven line may be so long that the noise level on the line reaches the common-mode limits
or the attenuation becomes too large and results in poor reception. In such a case, a simple application of a
receiver and a driver as repeaters [shown in Figure 19(a)] restores the signal level and allows an adequate
signal level at the receiving end. If multichannel operation is desired, then proper gating for each channel must
be sent through the repeater station using another repeater set as in Figure 19(b).
Driver
Strobe
Ckt
P
Receiver
P
P
P
P
P
Data In
Clock In
Data Out
(a) SINGLE-CHANNEL LINE
(b) MULTICHANNEL LINE WIDTH WITH STROBE
Repeaters
Data In
Driver
Receiver
Driver
Receiver
Driver
Receiver
Receiver
Driver
Receiver
Data Out
Figure 19. Receiver-Driver Repeaters
receiver as dual differential comparator
There are many applications for differential comparators, such as voltage comparison, threshold detection,
controlled Schmitt triggering, and pulse-width control.
As a differential comparator, a ’107A or SN75108A can be connected to compare the noninverting input terminal
with the inverting input as shown in Figure 20. The output is high or low, resulting from the A input being greater
or less than the reference. The strobe inputs allow additional control over the circuit so that either output, or both,
can be inhibited.
Strobe 1, 2
Reference 1
Reference 2
Strobe 2
Strobe 1
Output 1
Output 2
1A
1B
2A
2B
Figure 20. SN75107A Series Receiver as a Dual Differential Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com