Electronic Components Datasheet Search
  English  ▼

X  

SN75107ADE4 Datasheet(PDF) 18 Page - Texas Instruments

Part # SN75107ADE4
Description  DUAL LINE RECEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75107ADE4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN75107ADE4 Datasheet HTML 14Page - Texas Instruments SN75107ADE4 Datasheet HTML 15Page - Texas Instruments SN75107ADE4 Datasheet HTML 16Page - Texas Instruments SN75107ADE4 Datasheet HTML 17Page - Texas Instruments SN75107ADE4 Datasheet HTML 18Page - Texas Instruments SN75107ADE4 Datasheet HTML 19Page - Texas Instruments SN75107ADE4 Datasheet HTML 20Page - Texas Instruments SN75107ADE4 Datasheet HTML 21Page - Texas Instruments SN75107ADE4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
temperature controller with zero-voltage switching
The circuit in Figure 22 switches an electric-resistive heater on or off by providing negative-going pulses to the
gate of a triac during the time interval when the line voltage is passing through zero. The pulse generator is the
2N5447 and four diodes. This portion of the circuit provides negative-going pulses during the short time
(approximately 100
µs) when the line voltage is near zero. These pulses are fed to the inverting input of one
channel of the SN75108A. If the room temperature is below the desired level, the resistance of the thermistor
is high and the noninverting input of channel 2 is above the reference level determined by the thermostat setting.
This provides a high-level output from channel 2. This output is ANDed with the positive-going pulses from the
output of channel 1, which are reinverted in the 2N5449.
Heater
Load
2B
120 V to
220 V, 60 Hz
5-V
Zener
– T
Thermostat
Setting
GND
Channel 1
Channel 2
10-V
Zener
250
µF
2N5449
2N5447
250
µF
VCC +
VCC –
1A
1B
2A
+
+
SN75108A
Figure 22. Zero-Voltage Switching Temperature Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com