Electronic Components Datasheet Search
  English  ▼

X  

STA001 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA001 Datasheet HTML 3Page - STMicroelectronics STA001 Datasheet HTML 4Page - STMicroelectronics STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics STA001 Datasheet HTML 10Page - STMicroelectronics STA001 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
STA001
ELECTRICAL CHARACTERISTCS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CRYSTAL OSCILLATOR (T = 25°, VDD-VSS = 3V)
VDC
XTAL1, XTAL2 common
mode DC voltage
XOSEL high
VDD-
1.1
VDD-
0.68
V
PLLs, SYNTHESIZERS (T = 25°, VDD-VSS = 3V)
ts
RF pll loop settling time
within 1 KHz final freq. Offset, by using the
loop filter of Application board
1ms
Pn
Total phase noise
contribution
100Hz <
∆f < 1.84Mhz,
Qrf_tank≥20, Qif_tank≥20
1.6
degrms
fREF1
RF pll comparation
frequency
3.68
MHz
fREF2
IF pll comparation
frequency
113.23
KHz
PSP
Spurious power level***
RF pll,
∆fc=n*460KHz n=1,2..
IF pll,
∆fc=113.23KHz
-100
-50
-45
dBc
dBc
Nprog1
RF PLL selectable
division ratios
from REF1 to LO1, range covered by a 0.5
step, using a 14.72MHz quartz
1443
(first
used
1454.5)
1506.5
(last
used
1495)
Nprog2
RF PLL selectable
division ratios
from REF1 to LO1, range covered by a 0.5
step, using a 14.725MHz quartz
1443
(first
used
1454)
1506.5
(last
used
1494.5)
Nfix
IF PLL fixed division ratios from REF2 to LO2, 1 fixed +2 testing values
987
1034
1081
NREF1
REF1 division ratio
from Crystal oscillator to REF1
4
NREF2
REF2 division ratio
from Crystal oscillator to REF2
130
*** Using loop filter as suggested in application board schematics
RF VCO (T = 25°, VDD-VSS = 3V)
fLO1_1
LO Freq. range
Using 14.72Mhz quartz
1338.14
1375.4
MHz
fLO1_2
LO Freq. range
Using 14.725Mhz quartz
1338.134375 to 1375.407031
MHz
VFLT1
Freq. control voltage
range
Pin FLT1
VSS +
0.2
VDD -
0.2
V
VDC
TK1, NTK1 DC voltage
ENRFOSC high
VDD-
1.3
VDD-
1.1
VDD-
0.65
V
Zi
Input impedance R || C
Balanced, TK1, NTK1 pins
300
0.2
Ω
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com