Electronic Components Datasheet Search
  English  ▼

X  

STA001 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 5 Page - STMicroelectronics

  STA001 Datasheet HTML 1Page - STMicroelectronics STA001 Datasheet HTML 2Page - STMicroelectronics STA001 Datasheet HTML 3Page - STMicroelectronics STA001 Datasheet HTML 4Page - STMicroelectronics STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
STA001
GVtrim
Minimum Voltage Gain
Input LNI, NLNI pins; output SIP, NIP pins.
RL = 200Ω, Rext=0
22
25
28
dB
Zi
Input impedance R || C
Balanced, LNI, NLNI pins
75
0.2
Ω
pF
Zo
Output impedance
Balanced, SIP, SIN pins
50
Ω
Rl
Input Return Loss
LNI, NLNI pins
14
dB
IIP3
Input IP3
Input LNI, NLNI pins; output SIP, NIP pins,
Rl=200Ω, PADJ1, PADJ2 floating
-20
-15
dBm
IIP3trim
Input IP3 minimum gain
Input LNI, NLNI pins; output SIP, NIP pins,
Rl=200Ω, Rext=0 on PADJ1, PADJ2
-19.5
-11.5
dBm
1dBcp
Input 1 dB compression
point
Input LNI, NLNI pins; output SIP, NIP pins,
Rl=200Ω, PADJ1, PADJ2 floating
-26
dBm
1dBcptri
m
Input 1 dB compression
point
Input LNI, NLNI pins; output SIP, NIP pins,
Rl=200Ω, PADJ1, PADJ2 Rext=0 on PADJ1,
PADJ2
-24
dBm
NF
Noise figure contribution
Measurement conditions: Input LNI, NLNI
pins; output SIP, NIP pins. Rs=50Ω,
Rl=200Ω, DSB, PADJ1, PADJ2 floating
5dB
NFtrim
Noise figure contribution
minimum gain
Measurement conditions: Input LNI, NLNI
pins; output SIP, NIP pins. Rs=50Ω,
Rl=200Ω, DSB, Rext=0 on PADJ1, PADJ2
6.5
dB
IF1leak
LO1 to IF1 leakage
-100
-25
dBm
RFleak
LO1 to RF leakage
-100
-30
dBm
VDC
LNI, NLNI common mode
DC voltage
AC coupled to the Balun
VDD-
1.2
VDD-1
VDD-
0.8
V
VDC
SIP, SIN common mode
DC voltage
AC coupled to the SAW filter
VDD-
1.3
VDD-
1.1
VDD-
0.9
V
IF VGA AMPLIFIER, IF MIXER AND OUTPUT BUFFER (T = 25°, VDD-VSS = 3V)
BWi
Input signal BW
114
116.5
MHz
BWo
Output signal BW
0.6
3.1
MHz
Gmin
Minimum gain
Input LNI, NLNI pins; output SIP, NIP pins.
Rl=high impedance V(AGC1,2)=0V
32
37
dB
Gmax
Maximum gain
Input LNI, NLNI pins; output SIP, NIP pins.
Rl=high impedance V(AGC1,2)=3V
71
86
dB
IAGC
Input current in AGC
control pin
10
µA
ZAGC
AGC pin input
impedance
600
K
Ω
ELECTRICAL CHARACTERISTCS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com