Electronic Components Datasheet Search
  English  ▼

X  

STA001 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 3 Page - STMicroelectronics

  STA001 Datasheet HTML 1Page - STMicroelectronics STA001 Datasheet HTML 2Page - STMicroelectronics STA001 Datasheet HTML 3Page - STMicroelectronics STA001 Datasheet HTML 4Page - STMicroelectronics STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
STA001
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
23
M_CLK2
Master clock differential output 1
24
M_CLK1
Master clock differential output 2
25
VSS3
Negative supply 3
26
SDA
Data serial input
27
SCL
Clock input
28
VDD3
Positive supply 3
29
CE
Chip Enable
30
GADJ2
IF gain adjust connection 2
31
GADJ1
IF gain adjust connection 1
32
NRXI
Low IF Signal output 2
33
RXI
Low IF Signal output 1
34
FLT2
2nd PLL loop filter connection
35
VDD4
Positive supply 4
36
TK2
2nd PLL tank connection
37
NTK2
2nd PLL tank connection
38
VDD4
Positive supply 4
39
AGC2
VGA control pin 2
40
AGC1
VGA control pin 1
41
VSS4
Negative supply 4
42
SON
SAW filter output connection
43
SOP
SAW filter output connection
44
VSS4
Negative supply 4
Symbol
Parameter
Value
Unit
Tstg
Storage temperature
-40 , +125
°C
Toper
Operative ambient temperature
-20 , +85
°C
Vmax
Maximum voltage on any pin (with the exception of CE, SDA, SDL)
VDD+0.3
V
Vmin
Minimum voltage on any pin
GND-0.3
V
Vmaxi
Maximum voltage on pins CE, SDA, SDL
VDD+0.6
V
VDDmax
Minimum/Maximum power supply between VDD1,2,3,4 and
VSS1,2,3,4
-0.3/5.5
V
Vesd
Electrostatic Discharge Voltage (ESD)
2
KV
Symbol
Parameter
Value
Unit
VDD
Operating voltage
2.7, 3.3
V
Tjun
Junction temperature
-30, +95
°C
PIN FUNCTION (continued)
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com