Electronic Components Datasheet Search
  English  ▼

X  

STA001 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics STA001 Datasheet HTML 10Page - STMicroelectronics STA001 Datasheet HTML 11Page - STMicroelectronics STA001 Datasheet HTML 12Page - STMicroelectronics STA001 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
STA001
XOSEL, CE, TLCK, ENRFOSC TRUTH TABLE (LOW = GND, HIGH = VDD)
fM_CLK1
M_CLK frequency
Using a 14.72MHz quartz
14.72
MHz
fM_CLK2
M_CLK frequency
Using a 14.725MHz quartz
14.725
MHz
ADDITIONAL DIGITAL INTERFACE (CE) (T = 25°, VDD-VSS = 3V)
(LOW=GND, HIGH=VDD)
VIH
digital input signals
high
VSS+1.
8
V
VIL
low
VSS+1.
3
V
tr
CE power up time
2
µs
tf
CE power down time
6
µs
Pin
Type
Level
Result
CE
input
high
Chip enabled
low
Chip disabled
XOSEL
input
high
Internal Crystal oscillator selected
low
External TCXO connected on REF selected
ENRFOSC
input
high
Internal RF oscillator selected
low
External RF oscillator connected on TK1, NTK1 pins
TLCK
output
high
Synth. locked
low
Synth. unlocked
ADDITIONAL OPTIONAL INTERFACE INFORMATION (REF)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDC
REF DC voltage
XOSEL low
VDD-
1.1
VDD-
0.9
VDD-
0.7
V
Rin
Input resistance
XOSEL low
70K
Ω
ELECTRICAL CHARACTERISTCS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com