Electronic Components Datasheet Search
  English  ▼

X  

STA001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 1 Page - STMicroelectronics

  STA001 Datasheet HTML 1Page - STMicroelectronics STA001 Datasheet HTML 2Page - STMicroelectronics STA001 Datasheet HTML 3Page - STMicroelectronics STA001 Datasheet HTML 4Page - STMicroelectronics STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
STA001
November 2002
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
SINGLE CHIP RECEIVER FOR SATELLITE
DIGITAL TRANSMISSION
s
SUPERHETERODYNE RECEIVER WITH IF
OUTPUT
s
HIGH INPUT INTERCEPT POINT, LOW
MIXER NOISE
s
54dB IF VGA GAIN RANGE
s
ADJUSTABLE RF GAIN
s
ADJUSTABLE IF GAIN
s
INTEGRATED RF VCO
s
INTEGRATED IF VCO
s
INTEGRATED SYNTHESIZER
s
I2CBUS COMPATIBLE PROGRAMMING
INTERFACE
s
UNREGULATED 2.7 V TO 3.3V VOLTAGE
SUPPLY
s
LOW COST EXTERNAL COMPONENTS
DESCRIPTION
The STA001 is an RF IC using STMicroelectronics
HSB2 High Speed Bipolar Technology for one chip so-
lution for the Starman digital satellite radio receiver.
The STA001 is assembled in a TQFP44 package.
The frontend architecture is a double conversion re-
ceiver (see block diagram) .
The chip includes all the RF functions up to low IF
and manages the signals to and from the baseband.
TQFP44
ORDERING NUMBER: STA001
PRODUCT PREVIEW
RF FRONT-END FOR DIGITAL RADIO
BLOCK DIAGRAM
XTAL1, XTAL2
CHANNEL SELECTION
M_CLK
DIFFERENTIAL
SINGLE ENDED
FLT2
TK2, NTK2
LNI, NLNI
SIP, SIN
AGC1, AGC2
OSC
3.68MHz
113.23KHz
SCL
SDA
14.72MHz
PHASE
DETECTOR
CHARGE
PUMP
: 1034
2nd PLL
:130
VCO
1338.14 - 1375.4 MHz
117.0806 MHz
SOP, SON
CHARGE
PUMP
PHASE
DETECTOR
:363.625- 373.75
1st PLL
VCO
VDD1
VSS1
RF MIXER
IF1 BUFFER
VGA
IF1 to IF2 MIXER
IF2 BUFFER
FLT1
CE
1.8366 Mhz
TLCK
LOCK
DETECTOR
:4
ENRFOSC
BUFFER
TK1,
NTK1
SUPPLY2 :PLL1 +
Crystal osc .
SUPPLY3 :DIG.
SUPPLY4 :IF1,
IF2 &PLL2
SUPPLY1 :RF
GADJ1, GADJ2
I2CBUS INTERFACE
REF
XOSEL
MUX
PADJ1, PADJ2
LNA
RXI, NRXI
VDD2
VSS2
VDD4
VSS4
VDD3
VSS3


Similar Part No. - STA001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA002 STMICROELECTRONICS-STA002 Datasheet
362Kb / 43P
STARMANO CHANNEL DECODER
Jan-2002
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
More results

Similar Description - STA001

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
FM FRONT END CIRCUIT FOR RADIO
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
FM FRONT END FOR PORTABLE RADIO
logo
Texas Instruments
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
Dual IF Analog Front-End for Digital Radio
logo
STMicroelectronics
STA011 STMICROELECTRONICS-STA011 Datasheet
434Kb / 38P
L-band RF front-end for digital radio
21-Nov-2007
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
Front-end for digital-IF car radio
Rev. 01-21 February 2007
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
Front-end for digital-IF car radio
Rev. 01-10 July 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com