Electronic Components Datasheet Search
  English  ▼

X  

TAS5705 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5705 Datasheet HTML 3Page - Texas Instruments TAS5705 Datasheet HTML 4Page - Texas Instruments TAS5705 Datasheet HTML 5Page - Texas Instruments TAS5705 Datasheet HTML 6Page - Texas Instruments TAS5705 Datasheet HTML 7Page - Texas Instruments TAS5705 Datasheet HTML 8Page - Texas Instruments TAS5705 Datasheet HTML 9Page - Texas Instruments TAS5705 Datasheet HTML 10Page - Texas Instruments TAS5705 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
ABSOLUTE MAXIMUM RATINGS
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
5-V
TERMINATION
TYPE(1)
DESCRIPTION
TOLERANT
(2)
NAME
NO.
SCLK
23
DI
5-V
Serial audio data clock (shift clock). SCLK is the serial audio port
input data bit clock.
SDA
28
DIO
5-V
I2C serial control data interface input/output
SDIN1
25
DI
5-V
Serial audio data 1 input is one of the serial data input ports. SDIN1
supports three discrete (stereo) data formats.
SDIN2
24
DI
5-V
Serial audio data 2 input is one of the serial data input ports. SDIN2
supports three discrete (stereo) data formats.
SSTIMER
6
AI
Controls ramp time of OUT_X for pop-free operation. Leave this pin
floating for BD mode. Requires capacitor of 2.2 nF to GND in AD
mode. The capacitor determines the ramp time of PWM outputs from
0% to 50%. For 2.2 nF, start/stop time is ~10 ms.
STEST
31
DI
Test pin. Connect directly to GND.
SUB_PWM–
39
DO
Subwoofer negative PWM output
SUB_PWM+
40
DO
Subwoofer positive PWM output
TEST1
7
DI
Test pin. Connect directly to GND.
TEST2
32
DI
Test pin. Connect directly to DVDD.
VALID
36
DO
Output indicating validity of ALL PWM channels, active-high. This pin
is connected to an external power stage. If no external power stage is
used, leave this pin floating.
VR_ANA
14
P
Internally regulated 1.8-V analog supply voltage. This terminal must
not be used to power external devices.
VR_DIG
27
P
Internally regulated 1.8V digital supply voltage.This terminal must not
be used to power external devices.
VREG
43
P
3.3 Regulator output. Not to be used as s supply or connected to any
other components other than decoupling caps. Add decoupling
capacitors with pins 42 and 41.
VREG_EN
18
DI
Pulldown
Voltage regulator enable. Connect directly to GND.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DVDD, AVDD
–0.3 to 3.6
V
Supply voltage
PVDD_X
–0.3 to 30
V
OC_ADJ
–0.3 to 4.2
V
Input voltage
3.3-V digital input
–0.5 to DVDD + 0.5
V
5-V tolerant(2) digital input
–0.5 to DVDD + 2.5
V
OUT_x to PGND_X
32(3)
V
BST_x to PGND_X
43(3)
V
Input clamp current, IIK (VI < 0 or VI > 1.8 V)
±20
mA
Output clamp current, IOK (VO < 0 or VO > 1.8 V)
±20
mA
Operating free-air temperature
0 to 85
°C
Operating junction temperature range
0 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under absolute ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under recommended operation conditions are
not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDA, SCL, and HPSEL.
(3)
DC voltage + peak ac waveform measured at the pin should be below the allowed limit for all conditions.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com