| Electronic Components Datasheet Search |
|
TAS5705 Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5705 Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 71 page ![]() Single-Byte Write A6 A5 A4 A3 A2 A1 A0 R/W ACK A7 A6 A5 A4 A3 A2 A1 A0 ACK D7 D6 D5 D4 D3 D2 D1 D0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge I CDevice Addressand 2 Read/WriteBit Subaddress DataByte T0036-01 Multiple-Byte Write D7 D0 ACK Stop Condition Acknowledge I CDevice Addressand 2 Read/WriteBit Subaddress LastDataByte A6 A5 A1 A0 R/W ACK A7 A5 A1 A0 ACK D7 ACK Start Condition Acknowledge Acknowledge Acknowledge FirstDataByte A4 A3 A6 OtherDataBytes ACK Acknowledge D0 D7 D0 T0036-02 TAS5705 www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008 Supplying a subaddress for each subaddress transaction is referred to as random I2C addressing. The TAS5705 also supports sequential I2C addressing. For write transactions, if a subaddress is issued followed by data for that subaddress and the 15 subaddresses that follow, a sequential I2C write transaction has taken place, and the data for all 16 subaddresses is successfully received by the TAS5705. For sequential I2C write transactions, the subaddress then serves as the start address, and the amount of data subsequently transmitted, before a stop or start is transmitted, determines how many subaddresses are written. As was true for random addressing, sequential addressing requires that a complete set of data be transmitted. If only a partial set of data is written to the last subaddress, the data for the last subaddress is discarded. However, all other data written is accepted; only the incomplete data is discarded. As shown in Figure 38, a single-byte data write transfer begins with the master device transmitting a start condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of the data transfer. For a write data transfer, the read/write bit is a 0. After receiving the correct I2C device address and the read/write bit, the DAP responds with an acknowledge bit. Next, the master transmits the address byte or bytes corresponding to the TAS5705 internal memory address being accessed. After receiving the address byte, the TAS5705 again responds with an acknowledge bit. Next, the master device transmits to the memory address being accessed the data byte to be written. After receiving the data byte, the TAS5705 again responds with an acknowledge bit. Finally, the master device transmits a stop condition to complete the single-byte data write transfer. Figure 38. Single-Byte Write Transfer A multiple-byte data write transfer is identical to a single-byte data write transfer except that multiple data bytes are transmitted by the master device to the DAP as shown in Figure 39. After receiving each data byte, the TAS5705 responds with an acknowledge bit. Figure 39. Multiple-Byte Write Transfer Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 33 Product Folder Link(s): TAS5705 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |