Electronic Components Datasheet Search
  English  ▼

X  

TAS5705 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5705 Datasheet HTML 5Page - Texas Instruments TAS5705 Datasheet HTML 6Page - Texas Instruments TAS5705 Datasheet HTML 7Page - Texas Instruments TAS5705 Datasheet HTML 8Page - Texas Instruments TAS5705 Datasheet HTML 9Page - Texas Instruments TAS5705 Datasheet HTML 10Page - Texas Instruments TAS5705 Datasheet HTML 11Page - Texas Instruments TAS5705 Datasheet HTML 12Page - Texas Instruments TAS5705 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
ELECTRICAL CHARACTERISTICS
DC Characteristics
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
TA = 25°, PVCC_X = 18V, DVDD = AVDD = 3.3V, RL= 8Ω, BTL Mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
3.3-V TTL and 5-V tolerant (1)
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
3.3-V TTL and 5-V tolerant (1)
IOL = 4 mA
0.5
V
3.3-V TTL
VI = VIL
±2
IIL
(2)
Low-level input current
µA
5-V tolerant(1)
VI = 0 V, DVDD = 3 V
±2
3.3-V TTL
VI = VIH
±2
IIH
(2)
High-level input current
µA
5-V tolerant
VI = 5.5 V, DVDD = 3 V
±20
Normal Mode
65
83
Digital supply voltage (DVDD,
Power down (PDN =
8
23
IDD
Digital supply current
mA
AVDD)
low)
Reset (RESET = low)
23
38.5
IPVDD
Analog supply current
No load (all PVDD inputs)
30
60
Power down (PDN =
5
6.3
IPVDD(PDN)
Power-down current
No load (all PVDD inputs)
mA
low)
IPVDD(RESET)
Reset current
No load (all PVDD inputs)
Reset (RESET = low)
5
6.3
Drain-to-source resistance,
180
TJ = 25°C, includes metallization resistance
LS
rDS(on)
m
Ω
Drain-to-source resistance,
TJ = 25°C, includes metallization resistance
180
HS
I/O Protection
Vuvp
Undervoltage protection limit
PVDD falling
7.2
V
Vuvp,hyst
Undervoltage protection limit
PVDD rising
7.6
V
OTE(3)
Overtemperature error
150
°C
Extra temperature drop
OTEHYST
(3)
required to recover from
30
°C
error
OLPC
Overload protection counter
fPWM = 384 kHz
0.63
ms
IOC
Overcurrent limit protection
Resistor—programmable, max. current, ROCP = 22 kΩ
4.5
A
IOCT
Overcurrent response time
150
ns
Resistor tolerance = 5% for typical value; the minimum
OC programming resistor
ROCP
resistance should not be less than 20 k
Ω. This value is
20
22
k
Ω
range
not adjustable. It must be fixed at 22 k
Ω.
Internal pulldown resistor at
Connected when RESET is active to provide bootstrap
RPD
3
k
Ω
the output of each half-bridge capacitor charge.
(1)
5-V tolerant inputs are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDA, SCL, and HPSEL.
(2)
IIL or IIH for pins with internal pullup can go up to 50 µA.
(3)
Specified by design
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com