Electronic Components Datasheet Search
  English  ▼

X  

TAS5705 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5705 Datasheet HTML 18Page - Texas Instruments TAS5705 Datasheet HTML 19Page - Texas Instruments TAS5705 Datasheet HTML 20Page - Texas Instruments TAS5705 Datasheet HTML 21Page - Texas Instruments TAS5705 Datasheet HTML 22Page - Texas Instruments TAS5705 Datasheet HTML 23Page - Texas Instruments TAS5705 Datasheet HTML 24Page - Texas Instruments TAS5705 Datasheet HTML 25Page - Texas Instruments TAS5705 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
DEVICE PROTECTION SYSTEM
Overcurrent (OC) Protection With Current Limiting
Overtemperature Protection
Undervoltage Protection (UVP) and Power-On
DEVICE RESET
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
The TAS5705 contains advanced protection circuitry carefully designed to facilitate system integration and ease
of use, as well as to safeguard the device from permanent failure due to a wide range of fault conditions such as
short circuits, overtemperature, and undervoltage. The TAS5705 responds to a fault by immediately setting the
power stage in a high-impedance (Hi-Z) state and asserting the FAULT pin low. The device automatically
recovers when the fault condition has been removed.
The device has independent, fast-reacting current detectors on all high-side and low-side power-stage FETs. The
detector outputs are closely monitored by two protection systems. The first protection system controls the power
stage in order to prevent the output current further increasing, i.e., it performs a cycle-by-cycle current-limiting
function, rather than prematurely shutting down during combinations of high-level music transients and extreme
speaker load impedance drops. If the high-current condition situation persists, i.e., the power stage is being
overloaded, a second protection system triggers a latching shutdown, resulting in the power stage being set in
the high-impedance (Hi-Z) state. The device returns to normal operation once the fault condition (i.e., a short
circuit on the output) is removed. Current limiting and overcurrent protection are not independent for half-bridges
A and B and, respectively, C and D. That is, if the bridge-tied load between half-bridges A and B causes an
overcurrent fault, half-bridges A, B, C, and D are shut down.
The overcurrent protection threshold is set by a resistor to ground from the OC_ADJ pin. A value of 22 k
Ω will
result in an overcurrent threshold of 4.5 A. This resistor value should not be changed.
The TAS5705 has a two-level temperature-protection system that asserts an active-high warning signal (OTW)
when the device junction temperature exceeds 125°C (nominal) and, if the device junction temperature exceeds
150°C (nominal), the device is put into thermal shutdown, resulting in all half-bridge outputs being set in the
high-impedance (Hi-Z) state and FAULT being asserted low. OTE is latched in this case. To clear the OTE latch,
RESET must be asserted. Thereafter, the device resumes normal operation.
Reset (POR)
The UVP and POR circuits of the TAS5705 fully protect the device in any power-up/down and brownout situation.
While powering up, the POR circuit resets the overload circuit (OLP) and ensures that all circuits are fully
operational when the GVDD_XY and VREG supply voltages reach 5.7 V (typical) and 2.7 V, respectively.
Although GVDD_XY and VREG are independently monitored, a supply voltage drop below the UVP threshold on
VREG or either GVDD_XY pin results in all half-bridge outputs immediately being set in the high-impedance
(Hi-Z) state and FAULT being asserted low. The device automatically resumes operation when all supply
voltages have increased above the UVP threshold.
One reset pin is provided for control of half-bridges A/B/C/D. When RESET is asserted low, all four power-stage
FETs in half-bridges A, B, C, and D are forced into a high-impedance (Hi-Z) state.
In BTL modes, to accommodate bootstrap charging prior to switching start, asserting the reset input low enables
weak pulldown of the half-bridge outputs. In the SE mode, the weak pulldowns are not enabled, and it is
therefore recommended to ensure bootstrap capacitor charging by providing a low pulse on the PWM inputs
when reset is asserted high.
Asserting the reset input low removes any fault information to be signaled on the FAULT output, i.e., FAULT is
forced high.
A rising-edge transition on the reset input allows the device to resume operation after an overcurrent fault.
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com