Electronic Components Datasheet Search
  English  ▼

X  

TAS5705 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5705 Datasheet HTML 19Page - Texas Instruments TAS5705 Datasheet HTML 20Page - Texas Instruments TAS5705 Datasheet HTML 21Page - Texas Instruments TAS5705 Datasheet HTML 22Page - Texas Instruments TAS5705 Datasheet HTML 23Page - Texas Instruments TAS5705 Datasheet HTML 24Page - Texas Instruments TAS5705 Datasheet HTML 25Page - Texas Instruments TAS5705 Datasheet HTML 26Page - Texas Instruments TAS5705 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
SSTIMER FUNCTIONALITY
CLOCK, AUTODETECTION, AND PLL
SERIAL DATA INTERFACE
PWM Section
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
The SSTIMER pin uses a capacitor connected between this pin and ground to control the output duty cycle when
a transition occurs on the RESET pin. The capacitor on the SSTIMER pin is slowly charged through an internal
current source, and the charge time determines the rate at which the output transitions from a near zero duty
cycle to the duty cycle that is present on the inputs. This allows for a smooth transition with no audible pop or
click noises when the RESET pin transitions from high-to-low or low-to-high.
For a high-to-low transition of the RESET pin (shutdown case), it is important for the modulator to remain
switching for a period of at least 10 ms (if using a 2.2 nF capacitor). Larger capacitors will increase the
start-up/shutdown time, while capacitors smaller than 2.2 nF will decrease the start-up/shutdown time. The inputs
MUST remain switching on the shutdown transition to allow the outputs to slowly ramp down the duty cycle to
near zero before completely shutting off. The SSTIMER pin should be left floating for BD modulation and also for
SE (single-ended) mode.
The TAS5705 DAP is a slave device. It accepts MCLK, SCLK, and LRCLK. The digital audio processor (DAP)
supports all the sample rates and MCLK rates that are defined in the clock control register.
The TAS5705 checks to verify that SCLK is a specific value of 32 fS, 48 fS, or 64 fS. The DAP only supports a 1 ×
fS LRCLK. The timing relationship of these clocks to SDIN1/2 is shown in subsequent sections. The clock section
uses MCLK or the internal oscillator clock (when MCLK is unstable or absent) to produce the internal clock.
The DAP can autodetect and set the internal clock-control logic to the appropriate settings for the frequencies of
32 kHz, normal speed (44.1 or 48 kHz), double speed (88.2 kHz or 96 kHz), and quad speed (176.4 kHz or
192 kHz). The automatic sample-rate detection can be disabled and the values set via I2C in the clock control
register.
The DAP also supports an AM interference-avoidance mode during which the clock rate is adjusted, in concert
with the PWM sample rate converter, to produce a PWM output at 7 × fS, 8 × fS, or 6 × fS.
The sample rate must be set manually during AM interference avoidance and when de-emphasis is enabled.
Serial data is input on SDIN1/2. The PWM outputs are derived from SDIN1/2. The TAS5705 DAP accepts 32-,
44.1-, 48-, 88.2-, 96-, 176.4-, and 192-kHz serial data in 16-, 18-, 20-, or 24-bit data in left-justified, right-justified,
and I2S serial data formats.
The TAS5705 DAP device uses noise-shaping and sophisticated error-correction algorithms to achieve high
power efficiency and high-performance digital audio reproduction. The DAP uses a fourth-order noise shaper that
has >100-dB SNR performance from 20 Hz to 20 kHz. The PWM section accepts 24-bit PCM data from the DAP
and outputs four PWM audio output channels. The TAS5705 PWM SECTION supports bridge-tied loads.
The PWM section has individual-channel dc-blocking filters that can be enabled and disabled. The filter cutoff
frequency is less than 1 Hz. Individual-channel de-emphasis filters for 32-, 44.1-, and 48-kHz are included and
can be enabled and disabled.
Finally, the PWM section has an adjustable maximum modulation limit of 93.8% to 99.2%.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com